Electronic Components Datasheet Search
  English  ▼

X  

TF202 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TF202
Description  Electret Condenser Microphone Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF202 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TF202 Datasheet HTML 1Page - Sanyo Semicon Device TF202 Datasheet HTML 2Page - Sanyo Semicon Device TF202 Datasheet HTML 3Page - Sanyo Semicon Device TF202 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TF202
No.7554-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[Ta=25˚C, VCC=4.5V, RL=1kΩ, Cin=15pF, See specified Test Circuit.]
Voltage Gain
GV
VIN=10mV, f=1kHz
--3.0
dB
Reduced Voltage Characteristics
∆GVV
VIN=10mV, f=1kHz, VCC=4.5→1.5V
--1.2
--3.5
dB
Frequency Characteristics
∆Gvf
f=1kHz to 110Hz
--1.0
dB
Input Resistance
ZIN
f=1kHz
25
m
Ω
Output Resistance
ZO
f=1kHz
1000
Ω
Total Harmonic Distortion
THD
VIN=30mV, f=1kHz
1.0
%
Output Noise Voltage
VNO
VIN=0, A curve
--110
dB
Test Circuit
OSC
15pF
+
33
µF
Voltage gain
Frequency Characteristics
Distortion
Reduced Voltage Characteristics
Output Impedance
1k
Ω
VCC=4.5V
VCC=1.5V
V
A
B
VTVM
THD
0
0
400
300
200
100
3
12
5
4
IT05907
0
0
400
300
200
100
10
6
4
28
--0.1V
--0.2V
--0.3V
--0.4V
--0.5V
VGS=0
IT05908
0
--1.0
--0.8
--0.6
--0.4
--0.2
0
600
400
200
200
µA
VGS=0
VDS=5V
--0.1V
--0.2V
--0.3V
--0.4V
--0.5V
IT05909
--1.0
0
600
400
200
--0.4
--0.8
--0.6
0
--0.2
Ta=75
°C
--25
°C
IT05910
VDS=5V
ID -- VGS
ID -- VGS
ID -- VDS
ID -- VDS
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com