Electronic Components Datasheet Search
  English  ▼

X  

TDA8029C2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8029C2
Description  Low power single card reader
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8029C2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8029C2 Datasheet HTML 4Page - NXP Semiconductors TDA8029C2 Datasheet HTML 5Page - NXP Semiconductors TDA8029C2 Datasheet HTML 6Page - NXP Semiconductors TDA8029C2 Datasheet HTML 7Page - NXP Semiconductors TDA8029C2 Datasheet HTML 8Page - NXP Semiconductors TDA8029C2 Datasheet HTML 9Page - NXP Semiconductors TDA8029C2 Datasheet HTML 10Page - NXP Semiconductors TDA8029C2 Datasheet HTML 11Page - NXP Semiconductors TDA8029C2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
2003 Oct 30
8
Philips Semiconductors
Product specification
Low power single card reader
TDA8029
Additional features of the controller are:
• 80C51 central processing unit
• Full static operation
• Security bits: ROM 2 bits
• Encryption array of 64 bits
• 4-level priority structure
• 6 interrupt sources
• Full-duplex enhanced UART with framing error
detection and automatic address recognition
• Power control modes; clock can be stopped and
resumed, Idle mode and Power-down mode
• Wake-up from Power-down by falling edge on INT0_N,
INT1_N and RX with an embedded delay counter
• Programmable clock out
• Second DPTR register
• Asynchronous port reset
• Low EMI by inhibit ALE.
Table 1 gives a list of main features to get a better
understanding of the differences between a standard
80C51, an 8XC51FB and the embedded controller in the
TDA8029.
Table 2 shows an overview of the special function
registers.
Table 1
Principal blocks in 80C51, 8XC51FB and TDA8029
FEATURE
80C51
8XC51FB
TDA8029
ROM
4 kbytes
16 kbytes
16 kbytes
RAM
128 bytes
256 bytes
256 bytes
ERAM (MOVX)
no
256 bytes
512 bytes
PCA
no
yes
no
WDT
no
yes
no
T0
yes
yes
yes
T1
yes
yes
yes
T2
no
yes
yes
lowest interrupt
priority-vector 002Bh
lowest interrupt
priority-vector 002Bh
4-level priority interrupt
no
yes
yes
enhanced UART
no
yes
yes
delay counter
no
no
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com