Electronic Components Datasheet Search
  English  ▼

X  

BUZ20 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUZ20
Description  Nanosecond Switching Speeds
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUZ20 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUZ20 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUZ20 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
BUZ20
DESCRIPTION
•12A, 100V
• rDS(ON) = 0.200Ω
• SOA is Power Dissipation Limited
• Nanosecond Switching Speeds
• Linear Transfer Characteristics
• High Input Impedance
• Majority Carrier Device
• Related Literature
APPLICATIONS
·This is an N-Channel enhancement mode silicon gate power
field effect transistor designed for applications such as
switching regulators, switching converters, motor drivers,
relay drivers and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
This type can be operated directly from integrated circuits.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
100
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=37℃
12
A
Ptot
Total Dissipation@TC=25℃
75
W
Tj
Max. Operating Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.67
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
75
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - BUZ20

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ20 INTERSIL-BUZ20 Datasheet
42Kb / 5P
12A, 100V, 0.200 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ20 INFINEON-BUZ20 Datasheet
90Kb / 8P
SIPMOS Power Transistor
05.99
logo
Siemens Semiconductor G...
BUZ201 SIEMENS-BUZ201 Datasheet
177Kb / 6P
main ratings
logo
Inchange Semiconductor ...
BUZ201 ISC-BUZ201 Datasheet
47Kb / 2P
SOA is Power Dissipation Limited
More results

Similar Description - BUZ20

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
BUZ21 ISC-BUZ21 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
BUZ32 ISC-BUZ32 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
IRF121 ISC-IRF121 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF122 ISC-IRF122 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF123 ISC-IRF123 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF234 ISC-IRF234 Datasheet
48Kb / 2P
Nanosecond Switching speeds
IRF235 ISC-IRF235 Datasheet
48Kb / 2P
Nanosecond Switching speeds
IRF237 ISC-IRF237 Datasheet
48Kb / 2P
Nanosecond Switching speeds
IRF305 ISC-IRF305 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com