Electronic Components Datasheet Search
  English  ▼

X  

THV10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # THV10
Description  Type THV Precision High Voltage Divider Networks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

THV10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  THV10 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2002 Caddock Electronics, Inc.
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (909) 788-1700
Fax: (909) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
Specifications:
Ratio Tolerance: See ordering information.
Absolute Tolerance: ±1.0% for all resistors.
Ratio Temperature Coefficient:
See ordering
information.
Absolute Temperature Coefficient: 30 ppm/°C.
Referenced to +25°C,
∆R taken at -55°C and
+125°C.
Voltage Rating:
Rated voltage applied to R1
and R2 in series.
Load Life:
Ratio change with rated voltage
applied for 1,000 hours at +125°C, 0.4% max.
Overvoltage: 1.5 times rated voltage for
5 seconds, ratio change 0.5% max.
Thermal Shock:
Mil-Std-202, Method 107,
Cond. C, ratio change 0.25% max.
Moisture Resistance: Mil-Std-202, Method 106,
ratio change 0.5% max.
Solderable Leads
Encapsulation:
High Temperature Silicone
Conformal with Dielectric Withstanding Voltage of
750 volts.
Insulation Resistance: 10,000 Megohms, min.
Type THV Precision High Voltage Divider Networks
CADDOCK ELECTRONICS
THV 10 - A 100M - 1.0 - 10
0102
.025 ±.002
(.64 ±.05) DIA.
.120 ±.030
(3.05 ±.76)
A
.710 ±.040
(18.03 ±1.02)
1.000 ±.125
(25.40 ±3.18)
.200 ±.015
(5.08 ±.38)
.100
(2.54)
PIN 1
R2
R1
PIN 1
B
Ratio TC to 10 ppm/
°C, Ratio Tolerance to ±0.25%, Voltage Ratings of 10 KV, 15 KV or 20 KVDC
The Type THV Precision High Voltage Divider Networks
introduce Caddock's advanced high voltage resistor tech-
nology which doubles the allowable working voltage over the
length of the high voltage section. This technology combines
Caddock's Tetrinox®
resistance films with a patented laser-
generated V-Notch Geometry which optimizes the voltage
gradient over the length of the resistance pattern.
Type THV networks provide tighter ratio temperature
coefficients and tighter ratio tolerances than have previously
been available in standard high voltage divider products.
• Ratio Temperature Coefficients of 10 ppm/°C or 25 ppm/°C
from -55°C to +125°C.
• Ratio Tolerances of ±0.25%, ±0.5%, ±1.0% or ±2.0% at
Rated Voltage.
• Voltage Ratings of 10 KVDC, 15 KVDC or 20 KVDC at +125°C.
• Standard Voltage Division Ratios of 1,000:1 or 100:1, with
custom ratios available.
These specifications can provide important improvements
in performance in many types of advanced electronic
systems, including TWT power supplies, radar systems, X-ray
systems, analytical equipment and high resolution CRT displays.
B
1.100 ±.015
(27.94 ±.38)
1.650 ±.015
(41.91 ±.38)
2.200 ±.015
(55.88 ±.38)
Voltage
Division
Voltage Rating
Model
No.
A
Dimensions inches (mm)
Resistance
R1
R2
THV 10
1.500 ±.030
(38.10 ±.76)
THV 15
2.050 ±.030
(52.07 ±.76)
THV 20
2.600 ±.030
(66.04 ±.76)
10 KVDC
15 KVDC
20 KVDC
A
B
A
B
A
B
99.9 Meg
99 Meg
149.85 Meg
148.5 Meg
199.8 Meg
198 Meg
100 K
1 Meg
150 K
1.5 Meg
200 K
2 Meg
Total
100 Meg
100 Meg
150 Meg
150 Meg
200 Meg
200 Meg
1,000 : 1
100:1
1,000:1
100:1
1,000:1
100:1
Ratio Code
Letter
DIMENSIONS IN INCHES AND (MILLIMETERS)
Standard Type THV Precision High Voltage Divider Networks
Ordering Information:
Standard Ratio Tolerance at Rated Voltage:
-2.0 = 2.0%
-0.5 = 0.5%
-1.0 = 1.0%
-0.25 = 0.25%
THV10 - A 100M - 1.0 - 10
Model Number:
Ratio Code Letter:
Ratio Temperature Coefficient
from -55°C to +125°C:
-25 = 25 ppm/°C
-10 = 10 ppm/°C
Total Resistance Value of the Divider:
For complete information on price and delivery of both
evaluation and production quantities, contact our Sales
Office.
Derating Curve:
RATED VOLTAGE, %
AMBIENT TEMPERATURE, °C
100
80
60
40
20
0
25
75
125
175
225
Custom Type THV Precision High Voltage Divider Networks
Custom Type THV Precision High Voltage Divider
Networks can be produced with
a broad range of
resistance values, voltage ratios, voltage ratings,
ratio tolerances and ratio temperature coefficients.
Contact our Applications Engineering about
your custom high voltage divider requirement.
27.1 IL112.0802


Similar Part No. - THV10

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
THV10 CADDOCK-THV10 Datasheet
225Kb / 1P
Type THV Precision High Voltage Divider Networks
logo
THine Electronics, Inc.
THV1021 THINE-THV1021 Datasheet
19Kb / 1P
2ch Buck/Boost Inverting
THV1021E THINE-THV1021E Datasheet
17Kb / 1P
2ch Buck, Boost and Inverting Controller
THV1022E THINE-THV1022E Datasheet
16Kb / 1P
2ch Buck/Boost Controller
THV1022J THINE-THV1022J Datasheet
18Kb / 1P
2ch Boost/Buck
More results

Similar Description - THV10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TYPET912_T914 ETC-TYPET912_T914 Datasheet
105Kb / 1P
Type T912 and T914 Precision Resistor Networks
logo
Riedon Powertron
FPN3-4916 RIEDON-FPN3-4916 Datasheet
493Kb / 5P
FPN FHN Networks Precision Shunt Networks
logo
KOA Speer Electronics, ...
RTXS03T KOA-RTXS03T Datasheet
90Kb / 1P
precision voltage divider networks
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
TaNFilm Precision Chip Voltage Divider
logo
KOA Speer Electronics, ...
RTXS03TTE5001 KOA-RTXS03TTE5001 Datasheet
197Kb / 1P
precision voltage divider networks
logo
RHOPOINT COMPONENTS
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
Caddock Electronics, In...
THV10 CADDOCK-THV10 Datasheet
225Kb / 1P
Type THV Precision High Voltage Divider Networks
logo
Token Electronics Indus...
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
High Precision Network Voltage Divider
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
High Precision Network Voltage Divider
logo
Caddock Electronics, In...
THV10 CADDOCK-THV10_17 Datasheet
360Kb / 1P
Type THV Precision High Voltage Divider Networks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com