Electronic Components Datasheet Search
  English  ▼

X  

DAC0890 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0890
Description  Dual 8-bit mP-Compatible Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0890 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DAC0890 Datasheet HTML 4Page - National Semiconductor (TI) DAC0890 Datasheet HTML 5Page - National Semiconductor (TI) DAC0890 Datasheet HTML 6Page - National Semiconductor (TI) DAC0890 Datasheet HTML 7Page - National Semiconductor (TI) DAC0890 Datasheet HTML 8Page - National Semiconductor (TI) DAC0890 Datasheet HTML 9Page - National Semiconductor (TI) DAC0890 Datasheet HTML 10Page - National Semiconductor (TI) DAC0890 Datasheet HTML 11Page - National Semiconductor (TI) DAC0890 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Minimizing Settling Time
The DAC0890’s output stage uses a passive pull-down re-
sistor to achieve single supply operation and an output volt-
age range that includes ground This results in a negative-
going settling time that is longer than the settling time or
positive-going signals The actual settling time is dependant
on the load resistance and capacitance If available a nega-
tive power supply can be used to improve the negative set-
tling time by connecting a pull down resistor between the
output and the negative supply The resistor’s value is cho-
sen so that the current through the pull down resistor is not
greater than 05 mA when the output voltage is 0V See
Figure 4
TLH10592 – 11
FIGURE 4 Improving Negative Slew Rate
Bipolar Operation
While the DAC0890 was designed to operate on a single
positive supply voltage and generate a unipolar output volt-
age bipolar operation is still possible if a negative supply is
available or added As shown in
Figure 5 the output voltage
is offset and scaled to achieve a b127V to a128V output
range with the addition of a b5V supply The required offset
is generated with an LM385 – 12V reference The external
output amplification is provided by the LMC660 The output
voltage is generated with a complementary binary offset in-
put code
Microprocessor Interface
When interfacing with a microprocessor the DAC0890 ap-
pears as a two byte write-only memory location for memory
mapped and IO mapped input-output Each of the internal
DACs is chosen through one of the two chips selects CS1
or CS2 The action of the control signals is detailed in Table
I The data is latched on the rising edge of either Chip Se-
lect or WR whichever occurs first for a given selected DAC
For interfacing ease WR can be tied low and CS1 or CS2
can be used to latch the data Both DACs can be updated
simultaneously by pulling both CS1 and CS2 low Further
versatility is provided by the ability of WR and CS1 andor
CS2 to be tied together
TABLE I DAC0890 Control Logic Truth Table
Input
WR
CS
DAC Data
Latch
Data
Condition
0
0
0
0
‘‘transparent’’
1
0
0
1
‘‘transparent’’
0
u
0
0
latching
1
u
0
1
latching
00
u
0
latching
10
u
1
latching
X
1
X
previous data
latching
X
X
1
previous data
latching
X
1
1
previous data
latching
TLH10592 – 12
FIGURE 5 Bipolar Operation
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com