Electronic Components Datasheet Search
  English  ▼

X  

TLV2370 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2370
Description  FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2370 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2370 Datasheet HTML 1Page - Texas Instruments TLV2370 Datasheet HTML 2Page - Texas Instruments TLV2370 Datasheet HTML 3Page - Texas Instruments TLV2370 Datasheet HTML 4Page - Texas Instruments TLV2370 Datasheet HTML 5Page - Texas Instruments TLV2370 Datasheet HTML 6Page - Texas Instruments TLV2370 Datasheet HTML 7Page - Texas Instruments TLV2370 Datasheet HTML 8Page - Texas Instruments TLV2370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270C − MARCH 2001 − REVISED DECEMBER 2003
2
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
FAMILY PACKAGE TABLE
DEVICE
NUMBER OF
PACKAGE TYPES
SHUTDOWN
UNIVERSAL
DEVICE
NUMBER OF
CHANNELS
PDIP
SOIC
SOT-23
TSSOP
MSOP
SHUTDOWN
UNIVERSAL
EVM BOARD
TLV2370
1
8
8
6
—
—
Yes
TLV2371
1
8
8
5
—
—
—
Refer to the EVM
TLV2372
2
8
8
—
—
8
—
Refer to the EVM
Selection Guide
TLV2373
2
14
14
—
—
10
Yes
Selection Guide
(Lit# SLOU060)
TLV2374
4
14
14
—
14
—
—
(Lit# SLOU060)
TLV2375
4
16
16
—
16
—
Yes
TLV2370 and TLV2371 AVAILABLE OPTIONS
VIOMAX AT
PACKAGED DEVICES
TA
VIOMAX AT
25
°C
SMALL OUTLINE
†
SOT-23
PLASTIC DIP
TA
25
°C
SMALL OUTLINE
(D)†
(DBV)‡
SYMBOL
PLASTIC DIP
(P)
−40
°C to 125°C
4.5 mV
TLV2370ID
TLV2371ID
TLV2370IDBV
TLV2371IDBV
VBFI
VBGI
TLV2370IP
TLV2371IP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2370IDR).
‡ This package is only available taped and reeled. For standard quantities (3,000 pieces per reel), add an R suffix (e.g., TLV2370IDBVR). For
smaller quantities (250 pieces per mini-reel), add a T suffix to the part number (e.g., TLV2370IDBVT).
TLV2372 AND TLV2373 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOMAX AT
25
°C
SMALL
OUTLINE
MSOP
PLASTIC
DIP
PLASTIC
DIP
TA
25
°C
OUTLINE
(D)§
(DGK)§
SYMBOL
(DGS)§
SYMBOL
DIP
(N)
DIP
(P)
−40
°C
to
125
°C
4.5 mV
TLV2372ID
TLV2373ID
TLV2372IDGK
—
APG
—
—
TLV2373IDGS
—
API
—
TLV2373IN
TLV2372IP
—
§ This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2372IDR).
TLV2374 and TLV2375 AVAILABLE OPTIONS
VIOMAX AT
PACKAGED DEVICES
TA
VIOMAX AT
25
°C
SMALL OUTLINE
(D)¶
PLASTIC DIP
(N)
TSSOP
(PW)¶
−40
°C to 125°C
4.5 mV
TLV2374ID
TLV2375ID
TLV2374IN
TLV2375IN
TLV2374IPW
TLV2375IPW
¶ This package is available taped and reeled. To order this packaging option, add an R suffix to the part number
(e.g., TLV2374IDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com