Electronic Components Datasheet Search
  English  ▼

X  

TMS320R2812 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320R2812
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320R2812 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320R2812 Datasheet HTML 82Page - Texas Instruments TMS320R2812 Datasheet HTML 83Page - Texas Instruments TMS320R2812 Datasheet HTML 84Page - Texas Instruments TMS320R2812 Datasheet HTML 85Page - Texas Instruments TMS320R2812 Datasheet HTML 86Page - Texas Instruments TMS320R2812 Datasheet HTML 87Page - Texas Instruments TMS320R2812 Datasheet HTML 88Page - Texas Instruments TMS320R2812 Datasheet HTML 89Page - Texas Instruments TMS320R2812 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 147 page
background image
Electrical Specifications
86
June 2004
SPRS257
6.4
Current Consumption by Power-Supply Pins Over Recommended Operating Conditions
During Low-Power Modes at 150-MHz SYSCLKOUT (TMS320R281x)
MODE
TEST CONDITIONS
IDD
IDDIO
IDDA†
MODE
TEST CONDITIONS
TYP
MAX‡
TYP
MAX‡
TYP
MAX‡
Operational
All peripheral clocks are enabled. All PWM pins
are toggled at 100 kHz.
Data is continuously transmitted out of the SCIA,
SCIB, and CAN ports. The hardware multiplier is
exercised.
Code is running out of internal SARAM.
214 mA
5 mA
40 mA
IDLE
− XCLKOUT is turned off
− All peripheral clocks
are on, except ADC
125 mA
5 mA
1 µA
STANDBY
− Peripheral clocks are
turned off
− Pins without an internal
PU/PD are tied
high/low
3 mA
5 µA
1 µA
HALT
− Peripheral clocks are
turned off
− Pins without an internal
PU/PD are tied
high/low
− Input clock is disabled
10 µA
5 µA
1 µA
† IDDA includes current into VDDA1, VDDA2, AVDDREFBG, and VDDAIO pins.
‡ MAX numbers are at 125°C, and max voltage (VDD = 2.0 V; VDDIO, VDDA = 3.6 V).
NOTE:
HALT and STANDBY modes cannot be used when the PLL is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com