Electronic Components Datasheet Search
  English  ▼

X  

MPS65 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # MPS65
Description  65W Single Output for Medical Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPS65 Datasheet(HTML) 1 Page - Astrodyne Corporation

  MPS65 Datasheet HTML 1Page - Astrodyne Corporation MPS65 Datasheet HTML 2Page - Astrodyne Corporation MPS65 Datasheet HTML 3Page - Astrodyne Corporation MPS65 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
65W Single Output for Medical Type
MPS65 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Low leakage current ≤ 0.3mA
Protections: Short circuit / Overload / Over voltage
Fixed switching frequency at 45KHz
Cooling by free air convection
Model Number Output Volts
Output Amps
OVP
Volt Tolerance DC Volt Adjust
Efficiency
SINGLE OUTPUT
MPS65-3.3
3.3 Volts(DC)
12 Amps
3.8~4.46Volts(DC)
±3.0%
2.97~3.63Volts(DC)
66%
MPS65-5
5.0 Volts(DC)
12 Amps
5.75~6.75Volts(DC)
±3.0%
4.5~5.5Volts(DC)
74%
MPS65-7.5
7.5 Volts(DC)
8.0 Amps
8.63~10.1Volts(DC)
±3.0%
6.75~8.25Volts(DC)
76%
MPS65-12
12 Volts(DC)
5.2 Amps
13.8~16.2Volts(DC)
±2.0%
10.8~13.2Volts(DC)
77%
MPS65-13.5
13.5 Volts(DC)
4.7 Amps
15.5~18.2Volts(DC)
±2.0%
12.2~14.85Volts(DC)
78%
MPS65-15
15 Volts(DC)
4.2 Amps
17.25~20.25Volts(DC) ±2.0%
13.5~16.5Volts(DC)
79%
MPS65-24
24 Volts(DC)
2.7 Amps
27.6~32.4Volts(DC)
±2.0%
21.6~26.4Volts(DC)
80%
MPS65-27
27 Volts(DC)
2.4 Amps
31~36.45Volts(DC)
±2.0%
24.3~29.7Volts(DC)
80%
MPS65-48
48 Volts(DC)
1.35 Amps
55.2~64.8Volts(DC)
±2.0%
43.2~52.8Volts(DC)
80%


Similar Part No. - MPS65

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
Amplifier Transistors
May, 2005 ??Rev. 2
MPS650 ONSEMI-MPS650 Datasheet
74Kb / 5P
Amplifier Transistors
April, 2007 ??Rev. 3
logo
Central Semiconductor C...
MPS650 CENTRAL-MPS650 Datasheet
463Kb / 2P
NPN - High Current Transistor Chip
logo
Continental Device Indi...
MPS650 CDIL-MPS650 Datasheet
197Kb / 3P
NPN/PNP SILICON PLANAR AMPLIFIER TRANSISTORS
logo
New Jersey Semi-Conduct...
MPS650 NJSEMI-MPS650 Datasheet
96Kb / 2P
Amplifier Transistors
More results

Similar Description - MPS65

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
65W Single Output Medical Type
logo
Astrodyne Corporation
MPS-65 ASTRODYNE-MPS-65 Datasheet
1Mb / 6P
65W Single Output for Medical Type
logo
Mean Well Enterprises C...
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
65W Single Output Medical Type
MPT-65 MEANWELL-MPT-65 Datasheet
337Kb / 2P
65W Triple Output Medical Type
MPD-65 MEANWELL-MPD-65_11 Datasheet
338Kb / 2P
65W Dual Output Medical Type
MPS-65 MEANWELL-MPS-65_11 Datasheet
339Kb / 2P
65W Single Output Medical Type
MPT-65 MEANWELL-MPT-65_11 Datasheet
340Kb / 2P
65W Triple Output Medical Type
MPT-65_1112 MEANWELL-MPT-65_1112 Datasheet
355Kb / 2P
65W Triple Output Medical Type
MPS-65_1112 MEANWELL-MPS-65_1112 Datasheet
354Kb / 2P
65W Single Output Medical Type
RPS-65 MEANWELL-RPS-65 Datasheet
102Kb / 4P
65W Single Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com