Electronic Components Datasheet Search
  English  ▼

X  

MPS200 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # MPS200
Description  200W 1~4 Output for Medical Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

MPS200 Datasheet(HTML) 2 Page - Astrodyne Corporation

  MPS200 Datasheet HTML 1Page - Astrodyne Corporation MPS200 Datasheet HTML 2Page - Astrodyne Corporation MPS200 Datasheet HTML 3Page - Astrodyne Corporation MPS200 Datasheet HTML 4Page - Astrodyne Corporation MPS200 Datasheet HTML 5Page - Astrodyne Corporation MPS200 Datasheet HTML 6Page - Astrodyne Corporation MPS200 Datasheet HTML 7Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
200W 1~4 Output for Medical Type
MPS/D/T/Q200 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Model Number Output Volts Output Amps(25CFM) Ripple & Noise Convection Line Reg Load Reg Volt Tolerance
TRIPLE OUTPUT
MPT-200A
5 Volts(DC)
20 Amps
80mV pk-pk
15 Amps
±0.5%
±1.0%
±2.0%
12 Volts(DC)
7.5 Amps
120mV pk-pk
5.0 Amps
±1.0%
±5.0%
±8.0%
-5 Volts(DC)
2.0 Amps
80mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%
MPT-200B
5 Volts(DC)
20 Amps
80mV pk-pk
15 Amps
±0.5%
±1.0%
±2.0%
12 Volts(DC)
6.0 Amps
120mV pk-pk
4.4 Amps
±1.0%
±5.0%
±8.0%
-12Volts(DC)
2.0 Amps
80mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%
MPT-200C
5 Volts(DC)
20 Amps
80mV pk-pk
15 Amps
±0.5%
±1.0%
±2.0%
15 Volts(DC)
4.7 Amps
150mV pk-pk
3.3 Amps
±1.0%
±5.0%
±8.0%
-15 Volts(DC)
2.0 Amps
80mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%
MPT-200D
5 Volts(DC)
20 Amps
80mV pk-pk
15 Amps
±0.5%
±1.0%
±2.0%
24 Volts(DC)
3.0 Amps
180mV pk-pk
2.2 Amps
±1.0%
±5.0%
±8.0%
12 Volts(DC)
2.0 Amps
80mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%
QUAD OUTPUT
MPQ-200B
5 Volts(DC)
15 Amps
80mV pk-pk
12 Amps
±0.5%
±1.0%
±2.0%
12 Volts(DC)
7.0 Amps
120mV pk-pk
5.3 Amps
±1.0%
±5.0%
±8.0%
-5 Volts(DC)
2.0 Amps
80mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%
-12 Volts(DC)
2.0 Amps
80mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%
MPQ-200C
5 Volts(DC)
15 Amps
80mV pk-pk
12 Amps
±0.5%
±1.0%
±2.0%
15 Volts(DC)
5.0 Amps
150mV pk-pk
4.0 Amps
±1.0%
±5.0%
±6.0%
-5 Volts(DC)
2.0 Amps
80mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%
-15 Volts(DC)
2.0 Amps
80mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%
MPQ-200D
5 Volts(DC)
15 Amps
80mV pk-pk
12 Amps
±0.5%
±1.0%
±2.0%
24Volts(DC)
3.0 Amps
180mV pk-pk
2.3 Amps
±1.0%
±5.0%
±8.0%
12 Volts(DC)
2.0 Amps
300mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%
-12 Volts(DC)
2.0 Amps
80mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%
MPQ-200E
5 Volts(DC)
15 Amps
80mV pk-pk
12 Amps
±0.5%
±1.0%
±2.0%
24 Volts(DC)
2.7 Amps
180mV pk-pk
2.1 Amps
±1.0%
±5.0%
±8.0%
15 Volts(DC)
2.0 Amps
80mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%
-15 Volts(DC)
2.0 Amps
80mV pk-pk
1.0 Amps
±0.5%
±1.0%
±5.0%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com