Electronic Components Datasheet Search
  English  ▼

X  

OFM-0102 Datasheet(PDF) 4 Page - Astrodyne Corporation

Part # OFM-0102
Description  10W Ultraminiature Open Frame Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

OFM-0102 Datasheet(HTML) 4 Page - Astrodyne Corporation

  OFM-0102 Datasheet HTML 1Page - Astrodyne Corporation OFM-0102 Datasheet HTML 2Page - Astrodyne Corporation OFM-0102 Datasheet HTML 3Page - Astrodyne Corporation OFM-0102 Datasheet HTML 4Page - Astrodyne Corporation OFM-0102 Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
10W Ultraminiature Open Frame Switching Power Supplies
OFM10 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS - DUAL OUTPUT
:::$6752'<1(&20
$6752'<1(86$
$6752'<1(3$&,),&
:8OWUDPLQLDWXUH0HGLFDO*UDGH6ZLWFKLQJ3RZHU6XSSOLHV
2)00 VHULHV



$&1
&20
$&/
9
9


0(&+$1,&$/ ',0(16,216'8$/
3LQ
'XDO2XWSXWV

$&/LQH

$&1HXWUDO

2XWSXW

&RPPRQ

2XWSXW





Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com