Electronic Components Datasheet Search
  English  ▼

X  

DAC1006 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1006
Description  uP Compatible, Double-Buffered D to A Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1006 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DAC1006 Datasheet HTML 2Page - National Semiconductor (TI) DAC1006 Datasheet HTML 3Page - National Semiconductor (TI) DAC1006 Datasheet HTML 4Page - National Semiconductor (TI) DAC1006 Datasheet HTML 5Page - National Semiconductor (TI) DAC1006 Datasheet HTML 6Page - National Semiconductor (TI) DAC1006 Datasheet HTML 7Page - National Semiconductor (TI) DAC1006 Datasheet HTML 8Page - National Semiconductor (TI) DAC1006 Datasheet HTML 9Page - National Semiconductor (TI) DAC1006 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
10 DEFINITION OF PACKAGE PINOUTS
11 Control Signals
(All control signals are level actuated)
CS
Chip Select
active low it will enable WR
WR
Write
The active low WR is used to load the digital
data bits (DI) into the input latch The data in the input latch
is latched when WR is high The 10-bit input latch is split
into two latches one holds 8 bits and the other holds 2 bits
The Byte1Byte2 control pin is used to select both input
latches when Byte1Byte2e1 or to overwrite the 2-bit input
latch when in the low state
Byte1Byte2
Byte Sequence Control
When this control
is high all ten locations of the input latch are enabled When
low only two locations of the input latch are enabled and
these two locations are overwritten on the second byte
write On the DAC1006 1007 and 1008 the Byte1Byte2
must be low to transfer the 10-bit data in the input latch to
the DAC register
XFER
Transfer Control Signal active low
This signal in
combination with others is used to transfer the 10-bit data
which is available in the input latch to the DAC register
see timing diagrams
12 Other Pin Functions
DIi (ie0 to 9) Digital Inputs
DI0 is the least significant bit
(LSB) and DIg is the most significant bit (MSB)
IOUT1 DAC Current Output1IOUT1 is a maximum for a
digital input code of all 1s and is zero for a digital input code
of all 0s
IOUT2 DAC Current Output2IOUT2 is a constant minus
IOUT1 or
IOUT1aIOUT2e
1023 VREF
1024 R
where R j 15 kX
RFB Feedback Resistor
This is provided on the IC chip
for use as the shunt feedback resistor when an external op
amp is used to provide an output voltage for the DAC This
on-chip resistor should always be used (not an external re-
sistor) because it matches the resistors used in the on-chip
R-2R ladder and tracks these resistors over temperature
VREF Reference Voltage Input
This is the connection for
the external precision voltage source which drives the R-2R
ladder VREF can range from b10 to a10 volts This is also
the analog voltage input for a 4-quadrant multiplying DAC
application
VCC Digital Supply Voltage
This is the power supply pin
for the part VCC can be from a5to a15 VDC Operation is
optimum for a15V The input threshold voltages are nearly
independent of VCC (See Typical Performance Characteris-
tics and Description in Section 30 T2L compatible logic
inputs)
GND
Ground
the ground pin for the part
13 Definition of Terms
Resolution
Resolution is directly related to the number of
switches or bits within the DAC For example the DAC1006
has 210 or 1024 steps and therefore has 10-bit resolution
Linearity Error
Linearity error is the maximum deviation
from a
straight line passing through the endpoints of the
DAC transfer characteristic It is measured after adjusting
for zero and full-scale Linearity error is a parameter intrinsic
to the device and cannot be externally adjusted
National’s linearity test (a) and the ‘‘best straight line’’ test
(b) used by other suppliers are illustrated below The ‘‘best
straight line’’ requires a special zero and FS adjustment for
each part which is almost impossible for user to determine
The ‘‘end point test’’ uses a standard zero and FS adjust-
ment procedure and is a much more stringent test for DAC
linearity
Power Supply Sensitivity
Power supply sensitivity is a
measure of the effect of power supply changes on the DAC
full-scale output (which is the worst case)
a End Point Test After Zero and FS Adj
b Best Straight Line
TLH5688 – 8
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com