Electronic Components Datasheet Search
  English  ▼

X  

TLV2370ID Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2370ID
Description  FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2370ID Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2370ID Datasheet HTML 3Page - Texas Instruments TLV2370ID Datasheet HTML 4Page - Texas Instruments TLV2370ID Datasheet HTML 5Page - Texas Instruments TLV2370ID Datasheet HTML 6Page - Texas Instruments TLV2370ID Datasheet HTML 7Page - Texas Instruments TLV2370ID Datasheet HTML 8Page - Texas Instruments TLV2370ID Datasheet HTML 9Page - Texas Instruments TLV2370ID Datasheet HTML 10Page - Texas Instruments TLV2370ID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TLV2370, TLV2371, TLV2372, TLV2373, TLV2374, TLV2375
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS270C − MARCH 2001 − REVISED DECEMBER 2003
7
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VDD = 2.7 V, 5 V, and 15 V (unless
otherwise noted) (continued)
dynamic performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
UGBW
Unity gain bandwidth
RL = 2 kΩ,
VDD = 2.7 V
25
°C
2.4
MHz
UGBW
Unity gain bandwidth
RL = 2 kΩ,
CL = 10 pF
VDD = 5 V to 15 V
25
°C
3
MHz
VDD = 2.7 V
25
°C
1.4
2
V/ s
V
= V
/2,
VDD = 2.7 V
Full range
1
V/
µs
SR
Slew rate at unity gain
VO(PP) = VDD/2,
CL = 50 pF,
VDD = 5 V
25
°C
1.6
2.4
V/ s
SR
Slew rate at unity gain
O(PP)
DD
CL = 50 pF,
RL = 10 kΩ
VDD = 5 V
Full range
1.2
V/
µs
RL = 10 kΩ
VDD = 15 V
25
°C
1.9
2.1
V/ s
VDD = 15 V
Full range
1.4
V/
µs
φm
Phase margin
RL = 2 kΩ,
CL = 100 pF
25
°C
65
°
Gain margin
RL = 2 kΩ,
CL = 10 pF
25
°C
18
dB
ts
Settling time
VDD = 2.7 V,
V(STEP)PP = 1 V, AV = −1,
CL = 10 pF,
RL = 2 kΩ
0.1%
25
°C
2.9
s
ts
Settling time
VDD = 5 V, 15 V,
V(STEP)PP = 1 V, AV = −1,
CL = 47 pF,
RL = 2 kΩ
0.1%
25
°C
2
µs
noise/distortion performance
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 2.7 V,
AV = 1
0.02%
VDD = 2.7 V,
VO(PP) = VDD/2 V,
R = 2 k , f = 10 kHz
AV = 10
25
°C
0.05%
THD + N
Total harmonic distortion plus noise
VO(PP) = VDD/2 V,
RL = 2 kΩ, f = 10 kHz
AV = 100
25 C
0.18%
THD + N
Total harmonic distortion plus noise
VDD = 5 V, 15 V,
AV = 1
0.02%
VDD = 5 V, 15 V,
VO(PP) = VDD/2 V,
R = 2 k , f = 10 kHz
AV = 10
25
°C
0.09%
VO(PP) = VDD/2 V,
RL = 2 kΩ, f = 10 kHz
AV = 100
25 C
0.5%
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
39
nV/
√Hz
Vn
Equivalent input noise voltage
f = 10 kHz
25
°C
35
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
25
°C
0.6
fA /
√Hz
shutdown characteristics
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VDD = 2.7 V, 5 V,
25
°C
25
30
A
IDD(SHDN)
Supply current in shutdown mode (TLV2370,
VDD = 2.7 V, 5 V,
SHDN = 0 V
Full range
35
µA
IDD(SHDN)
Supply current in shutdown mode (TLV2370,
TLV2373, TLV2375) (per channel)
VDD = 15 V,
25
°C
40
45
A
TLV2373, TLV2375) (per channel)
VDD = 15 V,
SHDN = 0 V
Full range
50
µA
t(on)
Amplifier turnon time (see Note 2)
RL = 2 kΩ
25
°C
0.8
µs
t(off)
Amplifier turnoff time (see Note 2)
RL = 2 kΩ
25
°C
1
µs
NOTE 2: Disable time and enable time are defined as the interval between application of the logic signal to the SHDN terminal and the point at
which the supply current has reached one half of its final value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com