Electronic Components Datasheet Search
  English  ▼

X  

TPS5904 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS5904
Description  OPTOISOLATED FEEDBACK AMPLIFIERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5904 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5904 Datasheet HTML 1Page - Texas Instruments TPS5904 Datasheet HTML 2Page - Texas Instruments TPS5904 Datasheet HTML 3Page - Texas Instruments TPS5904 Datasheet HTML 4Page - Texas Instruments TPS5904 Datasheet HTML 5Page - Texas Instruments TPS5904 Datasheet HTML 6Page - Texas Instruments TPS5904 Datasheet HTML 7Page - Texas Instruments TPS5904 Datasheet HTML 8Page - Texas Instruments TPS5904 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPS5904, TPS5904A
OPTOISOLATED FEEDBACK AMPLIFIERS
TAOS017 – SEPTEMBER 1999
1
www.taosinc.com
t
t
D Precision Programmable Reference (2.5 V)
and an Optocoupler in a Single Package
D Reference Voltage Tolerance
– TPS5904
0.8%
– TPS5904A
0.5%
D Controlled Optocoupler CTRs:
– TPS5904
100% to 400%
– TPS5904A
150% to 300%
D High Withstand Voltage (WTV), 7500 V Peak
for 1 Minute
D Safety Regulatory Approvals Pending
– UL
– FIMKO, SEMKO, NEMKO, DEMKO
– EN60065/IEC 65
– EN60950/IEC 950
– VDE 0884, Level 4 (6000-V Insulation)
Description
The TPS5904 and TPS5904A optoisolated feedback amplifiers consist of a precision programmable reference
and an optocoupler. Reference-voltage tolerance for the TPS5904 is 0.8%, and for the TPS5904A is 0.5%.
These devices are primarily intended for use as the error-amplifier/reference/isolation-amplifier element in
isolated ac-to-dc power supplies and dc/dc converters. The optocoupler is a gallium-arsenide (GaAs)
light-emitting diode that emits at a wavelength of 940 nm, combined with a silicon phototransistor. The current
transfer ratio (CTR) ranges from 100% to 400% in the standard version. The TPS5904A version with a
150%-to-300% CTR is available for higher-performance applications. When using the TPS5904 or TPS5904A,
power supply designers can reduce component count and save space in tightly packaged designs. The
tight-tolerance reference eliminates the need for adjustments in many applications.
The TPS5904 and TPS5904A are characterized for operation from –40
°C to 100°C and each device is supplied
in an 8-pin DIP or in an 8-pin gull-wing surface-mount package (DCS).
Typical Application
1
2
4
3
7
6
TPS5904/A
PWM
Control
VI
R1
R2
TPS5904: Reference-voltage tolerance, 0.8%
CTR Range, 100% to 400%
TPS5904A: Reference-voltage tolerance, 0.5%
CTR Range, 150% to 300%
VO
+
+
t
t
Copyright
© 2000, TAOS Inc.
Texas Advanced Optoelectronic Solutions Inc.
800 Jupiter Road, Suite 205
S Plano, TX 75074 S (972) 673-0759
1
2
3
4
8
7
6
5
LED
COMP
GND
FB
NC
C
E
NC
DCS OR P PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - TPS5904

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5904 TI1-TPS5904 Datasheet
255Kb / 12P
OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904A TI1-TPS5904A Datasheet
255Kb / 12P
OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904ADCS TI1-TPS5904ADCS Datasheet
255Kb / 12P
OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904DCS TI1-TPS5904DCS Datasheet
255Kb / 12P
OPTOISOLATED FEEDBACK AMPLIFIERS
TPS5904 TI1-TPS5904_12 Datasheet
255Kb / 12P
OPTOISOLATED FEEDBACK AMPLIFIERS
More results

Similar Description - TPS5904

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
70MHz/1mA Current Mode Feedback Amplifiers
July 13, 2004
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
Dual/Quad 130MHz Current Feedback Amplifiers
January 1995
logo
Texas Instruments
TPS5910 TI-TPS5910 Datasheet
155Kb / 11P
TPS5908, TPS5908A, TPS5910, TPS5910A OPTOISOLATED FEEDBACK AMPLIFIERS
logo
Elantec Semiconductor
EL2232D ELANTEC-EL2232D Datasheet
392Kb / 1P
Dual 60MHz Current Feedback Amplifiers
logo
Fairchild Semiconductor
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
Triple and Quad Voltage Feedback Amplifiers
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
600MHz Current Feedback Amplifiers with Enable
EL5160 INTERSIL-EL5160_07 Datasheet
538Kb / 17P
200MHz Low-Power Current Feedback Amplifiers
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
1.4GHz Current Feedback Amplifiers with Enable
September 14, 2010
logo
Texas Instruments
TPS5904 TI1-TPS5904_12 Datasheet
255Kb / 12P
OPTOISOLATED FEEDBACK AMPLIFIERS
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
1.4GHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com