Electronic Components Datasheet Search
  English  ▼

X  

TPS65100 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65100
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65100 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65100 Datasheet HTML 1Page - Texas Instruments TPS65100 Datasheet HTML 2Page - Texas Instruments TPS65100 Datasheet HTML 3Page - Texas Instruments TPS65100 Datasheet HTML 4Page - Texas Instruments TPS65100 Datasheet HTML 5Page - Texas Instruments TPS65100 Datasheet HTML 6Page - Texas Instruments TPS65100 Datasheet HTML 7Page - Texas Instruments TPS65100 Datasheet HTML 8Page - Texas Instruments TPS65100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
TYPICAL APPLICATION CIRCUIT
VIN
COMP
VCOMIN
EN
ENR
C1+
C1−
DRV
FB2
REF
FB4
BASE
SW
SW
FB1
SUP
C2+
C2−/MODE
OUT3
FB3
VCOM
PGND
PGND
GND
TPS65100
D1
C3
Vo3
up to 30 V/20 mA
C7
C8
C10
Q1
BCP68
D2
D3
C1
R3
R4
C11
C6
C9
R5
R6
C4
C2
C5
R2
R1
C12
C11
10 nF
R7
R8
VI
2.7 to 5.8 V
22
µF
L1
4.7
µH
VO1
Up to 15 V/350 mA
VO1
0.22
µF
0.22
µF
0.22
µF
VO2
Up to 12 V/20 mA
220 nF
VI
1
µF
4.7
µF
VO4
3.3 V
0.22
µF
22
µF
0.22
µF
Vcom
1
µF
TPS65100
TPS65105
SLVS496B – SEPTEMBER 2003 – REVISED MARCH 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE(1)
LINEAR REGULATOR
MINIMUM SWITCH
PACKAGE
TA
OUTPUT VOLTAGE
CURRENT LIMIT
MARKING
TSSOP
QFN
3.3 V
1.6 A
TPS65100PWP
TPS65100RGE
TPS65100
-40
°C to
85
°C
3.3 V
0.96 A
TPS65105PWP
TPS65105RGE
TPS65105
(1)
The PWP and RGE packages are available taped and reeled. Add an R suffix to the device type (TPS65100PWPR) to order the device
taped and reeled. The PWPR package has quantities of 2000 devices per reel, and the the RGER package has 3000 devices per reel.
Without suffix the PWP package only, is shipped in tubes with 60 devices per tube.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com