Electronic Components Datasheet Search
  English  ▼

X  

TPS70451 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS70451
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70451 Datasheet(HTML) 3 Page - Texas Instruments

  TPS70451 Datasheet HTML 1Page - Texas Instruments TPS70451 Datasheet HTML 2Page - Texas Instruments TPS70451 Datasheet HTML 3Page - Texas Instruments TPS70451 Datasheet HTML 4Page - Texas Instruments TPS70451 Datasheet HTML 5Page - Texas Instruments TPS70451 Datasheet HTML 6Page - Texas Instruments TPS70451 Datasheet HTML 7Page - Texas Instruments TPS70451 Datasheet HTML 8Page - Texas Instruments TPS70451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TPS70445, TPS70448, TPS70451, TPS70458, TPS70402
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
SLVS307B – SEPTEMBER 2000 – REVISED APRIL 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed block diagram – fixed voltage version
UVLO1
Thermal
Shutdown
Shutdown
2.5 V
+
–
Current
Sense
Reference
Vref
Vref
ENA_1
ENA_1
10 k
Ω
Falling Edge
Delay
VPGD_1
VSENSE1
Rising Edge
Deglitch
ENA_1
ENA_2
Current
Sense
+
–
10 k
Ω
ENA_2
ENA_2
FB2
Vref
VIN1 (2 Pins)
GND
EN1
EN2
VIN2 (2 Pins)
VSENSE1
(see Note A)
PG1
MR
RESET
VSENSE2
(see Note A)
FB1
VIN1
UVLO1
VPGD_2
VSENSE2
Rising Edge
Deglitch
PG2
UVLO2
UVLO1
VOUT1 (2 Pins)
VOUT2 (2 Pins)
Shutdown
2.5 V
UVLO2
VPGD1
VPGD2
UVLO2
NOTE A: Formostapplications,VSENSE1andVSENSE2shouldbeconnectedtoVOUT1andVOUT2respectivelyascloseaspossibletothedevice.
For other implementations, refer to SENSE terminal connection discussion in the application information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com