Electronic Components Datasheet Search
  English  ▼

X  

UM5079 Datasheet(PDF) 5 Page - Union Semiconductor, Inc.

Part # UM5079
Description  Single Line ESD Protection Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM5079 Datasheet(HTML) 5 Page - Union Semiconductor, Inc.

  UM5079 Datasheet HTML 1Page - Union Semiconductor, Inc. UM5079 Datasheet HTML 2Page - Union Semiconductor, Inc. UM5079 Datasheet HTML 3Page - Union Semiconductor, Inc. UM5079 Datasheet HTML 4Page - Union Semiconductor, Inc. UM5079 Datasheet HTML 5Page - Union Semiconductor, Inc. UM5079 Datasheet HTML 6Page - Union Semiconductor, Inc. UM5079 Datasheet HTML 7Page - Union Semiconductor, Inc. UM5079 Datasheet HTML 8Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
________________________________________________________________________
http://www.union-ic.com Rev.02 Dec.2014
5/8
UM5075/5079
Package Information
UM5075 SOD523
Outline Drawing
DIMENSIONS
Symbol
MILLIMETERS
INCHES
Min
Max
Min
Max
A
0.510
0.770
0.020
0.031
A1
0.500
0.700
0.020
0.028
b
0.250
0.350
0.010
0.014
c
0.080
0.150
0.003
0.006
D
0.750
0.850
0.030
0.033
E
1.100
1.300
0.043
0.051
E1
1.500
1.700
0.059
0.067
E2
0.200REF
0.008REF
L
0.010
0.070
0.001
0.003
θ
7°REF
7°REF
Land Pattern
NOTES:
1. Compound dimension: 1.20×0.80;
2. Unit: mm;
3. General tolerance ±0.05mm unless otherwise
specified;
4. The layout is just for reference.
Tape and Reel Orientation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com