Electronic Components Datasheet Search
  English  ▼

X  

AN-102 Datasheet(PDF) 2 Page - IXYS Corporation

Part # AN-102
Description  Loop Current Detection for LITELINK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

AN-102 Datasheet(HTML) 2 Page - IXYS Corporation

  AN-102 Datasheet HTML 1Page - IXYS Corporation AN-102 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INTEGRATED CIRCUITS DIVISION
2
www.ixysic.com
R03
Application Note: AN-102
1
Loop Current Detection for LITELINK
Many DAA applications require loop current detection
capability especially in voice communications
equipment. Traditionally, an optocoupler device in
series with the telephone line performs this function.
While this method can be used with the LITELINK
family of DAAs such as the CPC5610, it is sometimes
desirable to eliminate the voltage drop caused by a
series element in the telephone line. For these
applications, the circuit shown below should be
considered.
When the telephone line loop current is greater than
10mA, the RX+ output of the CPC5610 will be biased
up at a DC level of 1V. When the loop current drops
due to the CPC5610 going on-hook, or disconnection
of the remote call, the RX+ line drops to a DC level of
approximately 0V.
The accompanying schematic shows the RX+ output
going to the inverting input of a comparator. The
non-inverting input of the comparator goes to a voltage
divider in which the DC voltage is fixed at 200mV. The
RX+ output will have a 1V DC bias and potentially a
maximum 1.1Vpp signal (for 0dBm differential)
centered about the 1V bias. This situation requires
setting a reference that is below the negative half of a
signal of 0dBm magnitude yet sufficiently above 0V to
facilitate reliable comparison. Considering the above
yielded a reference of 200mV. Therefore, with an R2 of
25K, R1 yields 619K for a VCC of 5V. For a VCC of 3.3V,
changing R1 to 392K maintains an approximate 200mV
reference.
The output of U1 will go low when loop current is
detected. If the loop current is between 5mA and
10mA, then the output of U1 will pulse as the CPC5610
attempts to start-up. Below the 5mA loop current value,
the output will generally be high all the time. Capacitors
C1 and C2 are recommended to provide decoupling to
the comparator circuit. These components should be
placed as close as possible to U1. U1 is an
ST Microelectronics TS861 low voltage rail-to-rail input
comparator, however, similar comparators are available
from other manufacturers and may be used.
TS861
C2
0.1µF
C1
0.1µF
0.1µF
0.1µF
R1
R2
RX-
RX+
1
11
12
RX-
RX+
V
CC
LOOP
V-
V+
-
+
For additional information please visit our website at: www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Specification: AN-102-R03
©Copyright 2014, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
4/8/2014



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com