Electronic Components Datasheet Search
  English  ▼

X  

UM5082 Datasheet(PDF) 2 Page - Union Semiconductor, Inc.

Part # UM5082
Description  Dual Line ESD Protection Diode Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM5082 Datasheet(HTML) 2 Page - Union Semiconductor, Inc.

  UM5082 Datasheet HTML 1Page - Union Semiconductor, Inc. UM5082 Datasheet HTML 2Page - Union Semiconductor, Inc. UM5082 Datasheet HTML 3Page - Union Semiconductor, Inc. UM5082 Datasheet HTML 4Page - Union Semiconductor, Inc. UM5082 Datasheet HTML 5Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
___________________________________________________________________________
http://www.union-ic.com Rev.03 Mar.2016
2/5
UM5082
Ordering Information
Part
Number
Working
Voltage
Packaging Type
Channel
Marking
Code
Shipping Qty
UM5082
5.0V
SLP1006P3
2
E4
3000pcs/7 Inch
Tape & Reel
Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Peak Pulse Power (tP=8/20μs)
PPK
140
Watts
Maximum Peak Pulse Current (tP=8/20μs)
IPP
11
Amps
Lead Soldering Temperature
TL
260 (10 sec.)
°C
Operating Temperature
TJ
-55 to +125
°C
Storage Temperature
TSTG
-55 to +150
°C
-
Symbol Definition
Parameter
Symbol
Maximum Reverse Peak Pulse Current
IPP
Clamping Voltage @ Ipp
VC
Working Peak Reverse Voltage
VRWM
Maximum Reverse Leakage Current @ VRWM
IR
Breakdown Voltage @ IT
VBR
Test Current
IT
Forward Current
IF
Forward Voltage @ IF
VF
Peak Power Dissipation
PPK
Max. Capacitance @ VR=0V, f=1MHz
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com