Electronic Components Datasheet Search
  English  ▼

X  

CPC5620 Datasheet(PDF) 15 Page - IXYS Corporation

Part # CPC5620
Description  3.3 or 5 V power supply operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5620 Datasheet(HTML) 15 Page - IXYS Corporation

Back Button CPC5620 Datasheet HTML 10Page - IXYS Corporation CPC5620 Datasheet HTML 11Page - IXYS Corporation CPC5620 Datasheet HTML 12Page - IXYS Corporation CPC5620 Datasheet HTML 13Page - IXYS Corporation CPC5620 Datasheet HTML 14Page - IXYS Corporation CPC5620 Datasheet HTML 15Page - IXYS Corporation CPC5620 Datasheet HTML 16Page - IXYS Corporation CPC5620 Datasheet HTML 17Page - IXYS Corporation CPC5620 Datasheet HTML 18Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5620/CPC5621
R05
www.ixysic.com
15
6. LITELINK Performance
The following graphs show LITELINK performance using the North American application circuit shown in this data
sheet.
Figure 6. Receive Frequency Response at RX
Figure 7. Transmit Frequency Response at TX
Figure 8. Receive THD on RX
Figure 9. Transmit THD on Tip and Ring
Figure 10.Transhybrid Loss
Figure 11.Return Loss
-14
-12
-10
-8
-6
-4
-2
0
2
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency
Gain
dBm
-12
-10
-8
-6
-4
-2
0
2
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency
Gain
dBm
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency
THD+N
dB
-140
-120
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency
THD+N
dB
-40
-35
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency
THL
dB
30
35
40
45
50
55
60
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (Hz)
Return
Loss
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com