Electronic Components Datasheet Search
  English  ▼

X  

CPC5620A Datasheet(PDF) 18 Page - IXYS Corporation

Part # CPC5620A
Description  3.3 or 5 V power supply operation
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5620A Datasheet(HTML) 18 Page - IXYS Corporation

Back Button CPC5620A Datasheet HTML 10Page - IXYS Corporation CPC5620A Datasheet HTML 11Page - IXYS Corporation CPC5620A Datasheet HTML 12Page - IXYS Corporation CPC5620A Datasheet HTML 13Page - IXYS Corporation CPC5620A Datasheet HTML 14Page - IXYS Corporation CPC5620A Datasheet HTML 15Page - IXYS Corporation CPC5620A Datasheet HTML 16Page - IXYS Corporation CPC5620A Datasheet HTML 17Page - IXYS Corporation CPC5620A Datasheet HTML 18Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5620/CPC5621
18
www.ixysic.com
R05
7.5 Mechanical Dimensions
Figure 15. CPC5620A/CPC5621A Package Dimensions
Figure 16. CPC5620ATR/CPC5621ATR Tape and Reel Dimensions
Dimensions
mm
(inches)
PCB Land Pattern
Pin 1
10.287 ± .254
(0.405 ± 0.010)
7.493 ± 0.127
(0.295 ± 0.005)
10.363 ± 0.127
(0.408 ± 0.005)
0.635 ± 0.076
(0.025 ± 0.003)
0.330 ± 0.051
(0.013 ± 0.002)
2.134 Max
(0.084 Max)
1.981 ± 0.051
(0.078 ± 0.002)
MIN 0, MAX 0.102
(MIN 0, MAX 0.004)
9.525 ± 0.076
(0.375 ± 0.003)
0.635 x 45º
(0.025 x 45º)
1.016 Typ.
(0.040 Typ.)
7.239 ± 0.051
(0.285 ± 0.002)
0.203
(0.008)
9.30
(0.366)
0.40
(0.0157)
0.635
(0.025)
1.90
(0.0748)
Dimensions
mm
(inches)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)
K
0=3.20
(0.126)
K
1=2.70
(0.106)
A
0=10.90
(0.429)
W=16
(0.630)
B
0=10.70
(0.421)
P=12.00
(0.472)
NOTES:
1. All dimensions carry tolerances of EIA Standard 481-2
2. The tape complies with all “Notes” for constant dimensions
listed on page 5 of EIA-481-2
For additional information please visit www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and
reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed
or implied. Except as set forth in IXYS Integrated Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability
whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a
particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into
the body, or in other applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical
harm, injury, or death to a person or severe property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes
to its products at any time without notice.
Specification: DS-CPC5620/CPC5621-R05
Copyright © 2012, IXYS Integrated Circuits Division
LITELINK® is a registered trademark of IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
12/22/2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com