Electronic Components Datasheet Search
  English  ▼

X  

CPC7583 Datasheet(PDF) 15 Page - IXYS Corporation

Part # CPC7583
Description  Monolithic IC reliability
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7583 Datasheet(HTML) 15 Page - IXYS Corporation

Back Button CPC7583 Datasheet HTML 11Page - IXYS Corporation CPC7583 Datasheet HTML 12Page - IXYS Corporation CPC7583 Datasheet HTML 13Page - IXYS Corporation CPC7583 Datasheet HTML 14Page - IXYS Corporation CPC7583 Datasheet HTML 15Page - IXYS Corporation CPC7583 Datasheet HTML 16Page - IXYS Corporation CPC7583 Datasheet HTML 17Page - IXYS Corporation CPC7583 Datasheet HTML 18Page - IXYS Corporation CPC7583 Datasheet HTML 19Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
INTEGRATED CIRCUITS DIVISION
CPC7583
R07
www.ixysic.com
15
Break-before-make operation can also be achieved
using the TSD pin as an input. In “Break-Before-Make
Operation (Ringing to Talk Transition)” on page 15, lines 2
and 3, it is possible to induce the switches to the all-off
state by grounding TSD instead of applying input to the
logic pins. This has the effect of overriding the logic
inputs and forcing the device to the all-off state. For
20 Hz ringing hold this input state for 25 ms. During
this hold period, toggle the inputs from the ringing
state to the talk state. After the 25 ms, release TSD to
return switch control to the input pins INTESTout,
INRINGING, INTESTin and the latch control pin.
2.2.1 Make-Before-Break Operation (Ringing to Talk Transition)
2.2.2 Break-Before-Make Operation (Ringing to Talk Transition)
2.3 Alternate Break-Before-Make Operation
Note that break-before-make operation can also be
achieved using TSD as an input. In lines 2 and 3 of the
table “Break-Before-Make Operation (Ringing to Talk
Transition)” on page 15, instead of using the logic input
pins to force the all-off state, force TSD to ground. This
overrides the logic inputs and also forces the all off
state. Hold this state for one-half of the ringing cycle.
During this TSD forced all-off state, change the inputs
from the power ringing state (INRING = 1, INTESTIN = 0,
INTESTOUT = 0) to the talk state (INRING = 0,
INTESTIN = 0, INTESTOUT = 0). After the hold period,
release TSD to return switch control to the input pins
which will set the talk state.
State
INRINGING INTESTIN INTESTOUT Latch
TSD
Timing
Break
Switches
1 and 2
Ring
Return
Switch 3
Ring
Access
Switch 4
All Other
Test
Switches
Ringing
1
0
0
0
Floating
-
Off
On
On
Off
Make-
before-
break
0
0
0
Floating
SW4 waiting for next
zero-current crossing to turn
off. Maximum time is one-half
of ringing. In this transition
state, current that is limited to
the dc break switch current
limit value will be sourced
from the ring node of the
SLIC.
On
Off
On
Off
Talk
0
0
0
Floating
Zero-cross current has
occurred
On
Off
Off
Off
State
INRINGING INTESTIN INTESTOUT Latch
TSD
Timing
Break
Switches
1 and 2
Ring
Return
Switch 3
Ring
Access
Switch 4
All Other
Test
Switches
Ringing
1
0
0
0
Floating
-
Off
On
On
Off
All off
1
0
1
Floating
Hold this state for one-half of
ringing cycle. SW4 waiting for
zero current to turn off.
Off
Off
On
Off
All off
1
0
1
Floating
Zero current has occurred.
SW4 has opened
Off
Off
Off
Off
Talk
0
0
0
Floating
Close break switches
On
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com