Electronic Components Datasheet Search
  English  ▼

X  

IX21844NTR Datasheet(PDF) 3 Page - IXYS Corporation

Part # IX21844NTR
Description  Programmable Dead-Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX21844NTR Datasheet(HTML) 3 Page - IXYS Corporation

  IX21844NTR Datasheet HTML 1Page - IXYS Corporation IX21844NTR Datasheet HTML 2Page - IXYS Corporation IX21844NTR Datasheet HTML 3Page - IXYS Corporation IX21844NTR Datasheet HTML 4Page - IXYS Corporation IX21844NTR Datasheet HTML 5Page - IXYS Corporation IX21844NTR Datasheet HTML 6Page - IXYS Corporation IX21844NTR Datasheet HTML 7Page - IXYS Corporation IX21844NTR Datasheet HTML 8Page - IXYS Corporation IX21844NTR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IX21844
R01
www.ixysic.com
3
1
Specifications
1.1 Package Pinout
1.2 Pin Description (DIP & SOIC)
IN 1
V
CC
7
V
SS
3
COM 5
LO 6
DT 4
14 N/C
8
N/C
13 V
B
12 HO
10 N/C
9
N/C
11 V
S
SD 2
Pin#
Name
Description
1IN
Logic input for both high-side gate
drive output (HO) and low-side gate
drive output (LO). In phase with HO.
2SD
Shut-down logic input. Active low.
3
VSS
Logic ground
4DT
Programmable Dead-Time input
5COM
Low-side return
6LO
Low-side gate drive output
7
VCC
Low-side and logic supply
8
N/C
No connection
9
N/C
No connection
10
N/C
No connection
11
VS
High-side floating supply return
12
HO
High-side gate drive output
13
VB
High-side floating supply
14
N/C
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com