Electronic Components Datasheet Search
  English  ▼

X  

BTA10-600C Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BTA10-600C
Description  With TO-220AB insulated package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTA10-600C Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTA10-600C Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Triacs
BTA10-600C
FEATURES
·
With TO-220AB insulated package
·
Suitables for general purpose AC switching. Which can be used as an
ON/OFF function in applications such as static relays, heating regulation,
induction motor starting circuits. Or for phase control operation in light
dimmers, motor speed controllers etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)Tj=105℃
10
A
ITSM
Non-repetitive peak on-state current tp=20ms
100
A
Tj
Operating junction temperature
110
℃
Tstg
Storage temperature
-45~150
℃
Rth(j-c)
Thermal resistance, junction to case
2.4
℃
/W
Rth(j-a)
Thermal resistance, junction to ambient
60
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
VR=VRRM, Tj=110℃
0.01
0.5
mA
IDRM
Repetitive peak off-state current
VD=VDRM,
VD=VDRM, Tj=110℃
0.01
0.5
mA
IGT
Gate trigger current
Ⅰ
VD=12V; RL= 30Ω
25
mA
Ⅱ
25
Ⅲ
25
Ⅳ
50
IH
Holding current
IGT= 0.1A, Gate Open
25
mA
VGT
Gate trigger voltage all quadrant
VD=12V; RL= 30Ω
1.3
V
VTM
On-state voltage
IT= 14A; tp= 380μs
1.55
V


Similar Part No. - BTA10-600C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA10-600C STMICROELECTRONICS-BTA10-600C Datasheet
74Kb / 7P
10A TRIACS
13-Feb-2006
BTA10-600C STMICROELECTRONICS-BTA10-600C Datasheet
634Kb / 14P
10 A Snubberless™, logic level and standard Triacs
February 2017 Rev 7
logo
HAOPIN MICROELECTRONICS...
BTA10-600C HAOPIN-BTA10-600C Datasheet
377Kb / 5P
Blocking voltage to 600 V
logo
Shenzhen Luguang Electr...
BTA10-600C LUGUANG-BTA10-600C Datasheet
2Mb / 5P
10A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
logo
STMicroelectronics
BTA10-600CRG STMICROELECTRONICS-BTA10-600CRG Datasheet
74Kb / 7P
10A TRIACS
13-Feb-2006
More results

Similar Description - BTA10-600C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTA08-600A ISC-BTA08-600A Datasheet
116Kb / 1P
With TO-220AB insulated package
BTA08-600TW ISC-BTA08-600TW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA10-600CW ISC-BTA10-600CW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600BW ISC-BTA12-600BW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600CW ISC-BTA12-600CW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600SW ISC-BTA12-600SW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600TW ISC-BTA12-600TW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA16-600BW ISC-BTA16-600BW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA06-600C ISC-BTA06-600C Datasheet
116Kb / 1P
With TO-220AB insulated package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com