Electronic Components Datasheet Search
  English  ▼

X  

2030-23T-SM-RPLF Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2030-23T-SM-RPLF
Description  Fast Acting 3-Electrode Miniature Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2030-23T-SM-RPLF Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2030-23T-SM-RPLF Datasheet HTML 1Page - Bourns Electronic Solutions 2030-23T-SM-RPLF Datasheet HTML 2Page - Bourns Electronic Solutions 2030-23T-SM-RPLF Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2030-xxT-SM Series - Fast Acting 3-Electrode Miniature Gas Discharge Tube
The optional -RP & -RP2 reels are 330 mm in diameter. The -RP reelpack is 18 mm wide. The -RP2 reelpack is 26 mm wide.
-RP
-RP2
Packaging Specifications
4.0
2.0
.41
3 °
3 °
4.0
12.0
2.0
3.15 ± 0.10
5.70 ± 0.10
9.35 ± 0.10
4.35 ± 0.10
7.85 ± 0.10
14.90 ± 0.10
12.0
A
SECTION A-A
A
16.0
5.50 ± 0.10
1.7
1.50 DIA.
1.50
DIA.
7.5
22.25
1.75
11.50
24.00
DIMENSIONS: MILLIMETERS
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
REV. F 08/15
Model
Standard Packaging Quantity
Bulk
(Bag)
Tray
Box
Reel
2030-xxT-SM
250
1000
2030-xxT-SM-RP
500
2030-xxT-SM-RP2
500
Unless otherwise specified, tolerances in decimals
are .X ± 0.3, .XX ± 0.15 for lengths in millimeters and ±1 ° for degrees.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com