Electronic Components Datasheet Search
  English  ▼

X  

D1U4CS Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # D1U4CS
Description  AC/DC Front End Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U4CS Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  D1U4CS Datasheet HTML 1Page - Murata Power Solutions Inc. D1U4CS Datasheet HTML 2Page - Murata Power Solutions Inc. D1U4CS Datasheet HTML 3Page - Murata Power Solutions Inc. D1U4CS Datasheet HTML 4Page - Murata Power Solutions Inc. D1U4CS Datasheet HTML 5Page - Murata Power Solutions Inc. D1U4CS Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
D1U4CS-W-2200-12-HxxC Series
AC/DC Front End Power Supply
CPS_D1U4CS-W-2200-12-HxxC.A09 Page 2 of 6
www.murata-ps.com/support
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Remote Sense
120
mV
Efficiency (230V) excluding fan load
20% load
88
89.1
%
50% load
92
93.0
100% load
88
92.2
Output Rise Monotonicity
Overshoot less than 10% for all outputs, no voltage negative between 10% to 95% during ramp up
Startup Time
AC ramp up
1.5
s
PS_On activated
150
ms
Transient Response
12V Ramp 1A/μs
±360
mV
5Vsb Ramp 1A/μs
±150
3.3Vsb Ramp 1A/μs
±100
Current sharing accuracy (up to 4 in parallel)
At 100% load
±7
%
Hot Swap Transients
All outputs remain in regulation
5
%
Holdup Time
100% load
12
ms
ENVIRONMENTAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage Temperature Range
Non-condensing
-40
70
°C
Operating Temperature Range
D1U4CS-W-2200-12-HC4C and D1U4CS-
W-2200-12-HA4C models
050
D1U4CS-W-2200-12-HC3C and D1U4CS-
W-2200-12-HA3C models
040
Operating Humidity
Non-condensing
10
90
%
Storage Humidity
590
Shock
30G non operating
Sinusoidal Vibration
0.5G, 5 – 500 Hz operating
MTBF
Calculated per Bellcore at Ta=30°C
400K
hrs
Demonstrated
400K
hrs
Acoustic
ISO 7779-1999
60
dB LpAm
Safety Approvals
CAN/CSA C22.2 No 60950-1-07, Am.1:2011
UL 60950-1-2011, 2nd Ed.
UL 60950-1, 2nd Ed.
IEC60950-1:2005 (2nd Ed.) w A1:2009, EN 60950-1:2006+A11:2009 +A1:2010 +A12:2011
Input Fuse
Power Supply has internal 20A/250V fast blow fuse on the AC line input
Material Flammability
UL 94V-0
Switching Frequency
TBD
Weight
4.5lbs (2.1kg)
PROTECTION CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
Overtemperature
Autorestart
55
65
°C
12V
Overvoltage
Latching
13.1
14.1
V
Overcurrent
Latching
197
225
A
5Vsb
Overvoltage
Latching
5.6
6.2
V
Overcurrent
Brick wall, autorecovery
5.5
6.2
A
3.3Vsb
Overvoltage
Latching
3.5
4.0
V
Overcurrent
Brick wall, autorecovery
6.5
8.0
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com