Electronic Components Datasheet Search
  English  ▼

X  

LOC211PTR Datasheet(PDF) 2 Page - IXYS Corporation

Part # LOC211PTR
Description  Couples Analog and Digital Signals
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LOC211PTR Datasheet(HTML) 2 Page - IXYS Corporation

  LOC211PTR Datasheet HTML 1Page - IXYS Corporation LOC211PTR Datasheet HTML 2Page - IXYS Corporation LOC211PTR Datasheet HTML 3Page - IXYS Corporation LOC211PTR Datasheet HTML 4Page - IXYS Corporation LOC211PTR Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R07
LOC211P
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Reverse LED Voltage
5
V
Input Control Current
100
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Power Dissipation
Total Package Dissipation 2
800
mW
Isolation Voltage, Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 1.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Electrical Characteristics @ 25ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Input Characteristics
LED Voltage Drop
I
F=2 - 10mA
V
F
0.9
1.2
1.4
V
Reverse LED Current
V
R=5V
I
R
--
10
A
Coupler/Detector Characteristics
Dark Current
I
F=0mA, VC1-A1=VC2-A2=15V
I
D
-
1
25
nA
K1, Servo Gain (I
C1/IF)
I
F=2 - 10mA, VC1-A1=VC2-A2=15V
K1
0.008
-
0.030
-
K2, Forward Gain (I
C2/IF)
K2
0.006
-
0.030
-
K3, Transfer Gain (K2/K1=I
C2/IC1)
K3
0.773
-
1.072
-
K3, Transfer Gain Linearity (non-servoed)
I
F=2 - 10mA
K3
-
-
1
%
K3 Temperature Coefficient
I
F=2 - 10mA, VC1-A1=VC2-A2= 5V
K3/T
-
0.005
-
%/°C
Common Mode Rejection Ratio
V=20V
P-P , RL=2k, f=100Hz
CMRR
-
130
-
dB
Total Harmonic Distortion
f
0=350Hz, 0dBm
THD
-96
-87
-80
dB
Frequency Response 2
Photoconductive Configuration
f
-3dB
-
200
-
kHz
Photovoltaic Configuration
-
40
-
kHz
Common Characteristics
Input/Output Capacitance
-
C
I/O
-3
-
pF
1 All parameters above are for each optocoupler.
2 See Application Note, AN-107, for LOC211P configurations.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com