Electronic Components Datasheet Search
  English  ▼

X  

DMN6140L Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN6140L
Description  Low Input Capacitance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6140L Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN6140L Datasheet HTML 1Page - Diodes Incorporated DMN6140L Datasheet HTML 2Page - Diodes Incorporated DMN6140L Datasheet HTML 3Page - Diodes Incorporated DMN6140L Datasheet HTML 4Page - Diodes Incorporated DMN6140L Datasheet HTML 5Page - Diodes Incorporated DMN6140L Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN6140L
Document number: DS35621 Rev. 4 - 2
2 of 6
www.diodes.com
December 2014
© Diodes Incorporated
DMN6140L
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
1.6
1.2
A
t<10s
TA = +25°C
TA = +70°C
ID
2.0
1.6
A
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
2.3
1.8
A
t<10s
TA = +25°C
TA = +70°C
ID
2.9
2.3
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
1.5
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
10
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
0.7
W
TA = +70°C
0.4
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RJA
183
°C/W
t<10s
115
Total Power Dissipation (Note 6)
TA = +25°C
PD
1.3
W
TA = +70°C
0.8
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RJA
94
°C/W
t<10s
61
Thermal Resistance, Junction to Case
RJC
39
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = 20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
1
—
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
92
140
m
Ω
VGS = 10V, ID = 1.8A
115
170
VGS = 4.5V, ID = 1.3A
Forward Transfer Admittance
|Yfs|
—
2.2
—
S
VDS = 15V, ID = 1.8A
Diode Forward Voltage
VSD
—
0.75
1.0
V
VGS = 0V, IS = 0.45A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
315
—
pF
VDS = 40V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
—
18
—
Reverse Transfer Capacitance
Crss
—
16
—
Gate Resistnace
Rg
—
0.65
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 10V)
Qg
—
8.6
—
nC
VDS = 30V, ID = 1.8A
Total Gate Charge (VGS = 5V)
Qg
—
4.1
—
Gate-Source Charge
Qgs
—
1.0
—
Gate-Drain Charge
Qgd
—
1.7
—
Turn-On Delay Time
tD(on)
—
2.6
—
ns
VDS = 30V, VGS = 10V,
RG = 6.0ΩID = 1.8A
Turn-On Rise Time
tr
—
3.6
—
Turn-Off Delay Time
tD(off)
—
16.3
—
Turn-Off Fall Time
tf
—
2.7
—
Reverse Recovery Time
trr
—
16.8
—
ns
IF = 1.8A, di/dt =100A/µs
Reverse Recovery Charge
Qrr
—
9.0
—
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1in. square copper plate.
7 .Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com