Electronic Components Datasheet Search
  English  ▼

X  

UPC2749T Datasheet(PDF) 3 Page - NEC

Part # UPC2749T
Description  3 V, 1900 MHz LOW NOISE SI MMIC AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2749T Datasheet(HTML) 3 Page - NEC

  UPC2749T Datasheet HTML 1Page - NEC UPC2749T Datasheet HTML 2Page - NEC UPC2749T Datasheet HTML 3Page - NEC UPC2749T Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UPC2749T
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
VCC = 3.0 V, ICC = 6 mA
Note:
1. K Factor Calculation:
K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
∆ = S11 S22 - S21 S12
0.10
0.049
1.9
4.67
1.3
0.001
150.9
0.009
-169.1
106.8
13.4
0.20
0.046
-23.9
4.85
-8.2
0.001
152.4
0.024
107.5
102.8
13.7
0.30
0.044
-55.1
4.95
-16.8
0.001
153.8
0.041
91.0
100.6
13.9
0.40
0.043
-89.7
4.97
-23.0
0.001
155.1
0.058
80.0
100.1
13.9
0.50
0.046
-132.7
4.99
-29.4
0.002
156.4
0.074
72.2
49.7
14.0
0.60
0.055
-164.0
5.01
-35.3
0.003
155.8
0.089
64.3
32.9
14.0
0.70
0.071
171.8
5.06
-41.0
0.004
155.9
0.105
56.5
24.3
14.1
0.80
0.094
153.8
5.19
-47.4
0.005
154.4
0.120
48.4
18.8
14.3
0.90
0.115
137.5
5.29
-54.0
0.006
152.4
0.138
39.7
15.3
14.5
1.00
0.138
127.5
5.51
-59.9
0.008
149.0
0.149
29.3
10.9
14.8
1.10
0.165
118.1
5.72
-67.2
0.011
145.4
0.160
20.2
7.6
15.1
1.20
0.199
107.8
5.94
-75.2
0.013
140.8
0.170
10.1
6.1
15.5
1.30
0.233
98.2
6.14
-84.2
0.016
135.5
0.178
-1.3
4.7
15.8
1.40
0.265
89.0
6.33
-93.4
0.019
128.9
0.181
-13.8
3.8
16.0
1.50
0.298
80.0
6.46
-103.3
0.021
123.0
0.179
-27.5
3.3
16.2
1.60
0.323
70.7
6.48
-113.7
0.024
116.1
0.171
-41.4
2.8
16.2
1.70
0.352
61.7
6.38
-124.3
0.025
107.8
0.158
-53.7
2.7
16.1
1.80
0.367
53.0
6.25
-133.9
0.027
105.5
0.141
-76.2
2.5
15.9
1.90
0.377
45.2
6.10
-144.3
0.028
101.6
0.123
-95.1
2.5
15.7
2.00
0.379
37.2
5.86
-153.7
0.031
96.7
0.110
-112.2
2.4
15.4
2.10
0.371
30.8
5.47
-163.9
0.032
91.3
0.094
-138.4
2.5
14.8
2.20
0.363
26.0
5.18
-172.1
0.032
87.1
0.094
-165.2
2.7
14.3
2.30
0.357
22.1
4.81
-179.8
0.033
83.2
0.094
168.2
2.8
13.6
2.40
0.350
19.0
4.49
173.0
0.033
80.6
0.104
145.0
3.0
13.0
2.50
0.340
16.1
4.17
166.1
0.033
78.6
0.118
126.5
3.2
12.4
2.60
0.331
14.4
3.92
160.0
0.033
77.3
0.136
112.6
3.5
11.9
2.70
0.321
12.3
3.64
153.7
0.033
76.2
0.155
99.5
3.7
11.2
2.80
0.311
11.8
3.44
148.7
0.034
74.8
0.174
91.5
3.8
10.7
2.90
0.301
10.8
3.19
142.9
0.035
74.5
0.193
81.5
4.0
10.1
3.00
0.290
10.2
3.03
138.1
0.036
73.2
0.210
75.3
4.1
9.6
FREQUENCY
S11
S21
S12
S22
K1
S21
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com