Electronic Components Datasheet Search
  English  ▼

X  

MS6282 Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6282
Description  Class AB Stereo Headphone Driver, Low voltage Volume Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6282 Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6282 Datasheet HTML 6Page - MOSA ELECTRONICS MS6282 Datasheet HTML 7Page - MOSA ELECTRONICS MS6282 Datasheet HTML 8Page - MOSA ELECTRONICS MS6282 Datasheet HTML 9Page - MOSA ELECTRONICS MS6282 Datasheet HTML 10Page - MOSA ELECTRONICS MS6282 Datasheet HTML 11Page - MOSA ELECTRONICS MS6282 Datasheet HTML 12Page - MOSA ELECTRONICS MS6282 Datasheet HTML 13Page - MOSA ELECTRONICS MS6282 Datasheet HTML 14Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MOSA
MS6282
Volume Controller with soft step IC
V1.1
10/15
www.mosanalog.com
Power management (07H)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
Release of VREF to GND.
1
Set the voltage of VREF to VDD/2.
0
X
All devices Active
1
1
Power down
The initial condition is Power down , VREF = GND.
Example
Soft-step Time 10.24ms , Soft-step ON
Set the 1/2VDD , All device active.
Set Input gain of both channels at +4dB
Set Volume of both-channels at -15dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com