Electronic Components Datasheet Search
  English  ▼

X  

MS6283GU Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MS6283GU
Description  3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6283GU Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MS6283GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6283GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6283GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6283GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6283GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6283GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6283GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6283GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6283GU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MOSA
MS6283
Volume Controller with soft step IC
V1.1
4/18
www.mosanalog.com
Volume control
CRVOL
Volume Control Range
Attenuation & Gain
-79
-
+15
dB
RESVOL
Volume Step Resolution
-
1
-
dB
ERRVOL
Volume Setting Error
Av = +15 to -40dB
-0.5
0
1
dB
Av = -40 to -79dB
-1
0
5
dB
MUTE
Mute Attenuation
Vin=0dBV
-90
dB
General
VOMAX
Maximum Output Voltage Swing
(THD+N)/S <0.1%
-
1.45
-
Vrms
THD+N
Total Harmonic Distortion Plus
Noise
VOUT = 1Vrms
-
-64
-
dB
-
0.063
-
%
S/N
Signal-to-Noise Ratio
VOUT = 1Vrms
-
93
-
dB
CS
Channel Separation
90
95
-
dB
Bus Input
VIH
Bus High Input Level
1.8
-
-
V
VIL
Bus Low Input Level
-
-
0.8
V
3.3V ELECTRICAL CHARACTERISTICS
(Ta=25℃;VDD=3.3V, VSS=0V; CREF = 1uF ; RL=32
; refer to the application circuit; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
IQ
Quiescent Current
VIN=0V
-
4.7
5.2
mA
IPD
Power down current
VIN=0V
-
82
-
uA
PSRR
Power Supply Rejection Ratio
f = 100Hz
65
70
-
dB
General
VOMAX
Maximum Output Voltage Swing
(THD+N)/S <0.1%
-
1
-
Vrms
THD+N
Total Harmonic Distortion Plus
Noise
VOUT = 0.707Vrms
-
-65
-
dB
-
0.056
-
%
S/N
Signal-to-Noise Ratio
VOUT = 0.707Vrms
-
90
-
dB
CS
Channel Separation Left/Right
90
93
-
dB
2.5V ELECTRICAL CHARACTERISTICS
(Ta=25℃;VDD=2.5V, VSS=0V; CREF = 1uF ; RL=32
; refer to the application circuit; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
IQ
Quiescent Current
VIN=0V
-
3.3
3.6
mA
IPD
Power down current
VIN=0V
-
60
-
uA
PSRR
Power Supply Rejection Ratio
f = 100Hz
60
65
-
dB
General
VOMAX
Maximum Output Voltage Swing
(THD+N)/S <0.1%
-
0.707
-
Vrms
THD+N
Total Harmonic Distortion Plus
Noise
VOUT = 0.707Vrms
-
-65
-
dB
-
0.056
-
%
S/N
Signal-to-Noise Ratio
VOUT = 0.707Vrms
-
90
-
dB
CS
Channel Separation Left/Right
90
93
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com