Electronic Components Datasheet Search
  English  ▼

X  

MS6283SSGU Datasheet(PDF) 11 Page - MOSA ELECTRONICS

Part # MS6283SSGU
Description  3 Stereo Inputs (1 differential Input) With Gain 0~15dB Volume Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6283SSGU Datasheet(HTML) 11 Page - MOSA ELECTRONICS

Back Button MS6283SSGU Datasheet HTML 7Page - MOSA ELECTRONICS MS6283SSGU Datasheet HTML 8Page - MOSA ELECTRONICS MS6283SSGU Datasheet HTML 9Page - MOSA ELECTRONICS MS6283SSGU Datasheet HTML 10Page - MOSA ELECTRONICS MS6283SSGU Datasheet HTML 11Page - MOSA ELECTRONICS MS6283SSGU Datasheet HTML 12Page - MOSA ELECTRONICS MS6283SSGU Datasheet HTML 13Page - MOSA ELECTRONICS MS6283SSGU Datasheet HTML 14Page - MOSA ELECTRONICS MS6283SSGU Datasheet HTML 15Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MOSA
MS6283
Volume Controller with soft step IC
V1.1
11/18
www.mosanalog.com
Volume Control (04H , 05H , 06H)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
1
1
1
1
+15dB
0
0
0
1
1
1
0
+14dB
:
:
:
:
:
:
:
:
0
0
0
0
0
0
0
0dB
0
0
1
0
0
0
0
0dB
0
0
1
0
0
0
1
- 1dB
:
:
:
:
:
:
:
:
0
0
1
1
1
1
1
-15dB
0
1
0
0
0
0
0
-16dB
:
:
:
:
:
:
:
:
0
1
0
1
1
1
1
-31dB
0
1
1
0
0
0
0
-32dB
:
:
:
:
:
:
:
:
0
1
1
1
1
1
1
-47dB
1
0
0
0
0
0
0
-48dB
:
:
:
:
:
:
:
:
1
0
0
1
1
1
1
-63dB
1
0
1
0
0
0
0
-64dB
:
:
:
:
:
:
:
:
1
0
1
1
1
1
1
-79dB
1
1
X
X
X
X
X
Mute
The initial condition is Mute.
Power management (07H)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
0
Release of VREF to GND.
1
Set the voltage of VREF to VDD/2.
0
X
All devices Active
1
1
Power down
The initial condition is Power down , VREF = GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com