Electronic Components Datasheet Search
  English  ▼

X  

SIP823YEU Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP823YEU
Description  5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP823YEU Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP823YEU Datasheet HTML 1Page - Vishay Siliconix SIP823YEU Datasheet HTML 2Page - Vishay Siliconix SIP823YEU Datasheet HTML 3Page - Vishay Siliconix SIP823YEU Datasheet HTML 4Page - Vishay Siliconix SIP823YEU Datasheet HTML 5Page - Vishay Siliconix SIP823YEU Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SiP823/SiP824/SiP825
Vishay Siliconix
Document Number: 72397
S-41150—Rev. B, 14-Jun-04
www.vishay.com
3
SPECIFICATIONS
Test Conditions Unless Specified
Limits
Parameter
Symbol
TA = −40_C to 85_C, Typical Values @ TA = 25_C
Mina
Typb
Maxa
Unit
Supply Voltage
VCC
1
5.5
V
Supply Current (No Load)
ICC
VCC = VTH + 10%
10.0
mA
Supply Current (No Load)
ICC
TA = 25_C
3.0
mA
RESET Threshold
VTH
TA = 25_C
VTH −1.5%
VTH 1.5%
V
Threshold Hysteresis
VTH(hys)
0.4
%VTH
RESET Threshold
Temperature Coefficient
40
PPM/_C
VOL
Sip82_L/M/J: VCC t VTH, ISINK = 1.2 mA
0.5
RESET Output Voltage
VOL
Sip82_R/S/T/Y/Z: VCC t VTH, ISINK = 0.5 mA
0.4
pg
VOH
VCC u VTH, ISOURCE = 0.5 mA
0.8 VCC
V
VOL
Sip82_L/M/J: VCC u VTH, ISINK = 1.2 mA
0.5
V
RESET Output Voltage
VOL
Sip82_R/S/T/Y/Z: VCC u VTH, ISINK = 0.5 mA
0.4
pg
VOH
VCC t VTH, ISOURCE = 0.5 mA
0.8 VCC
VCC to RESET Delay
TD1
VCC = VTH − 100 mV
40
mS
RESET Time-out Period
TD2
140
210
280
mS
Watchdog Input (SiP823/SiP824)
Watchdog Time-out Period
tWD
1.12
1.76
2.40
S
WD1 Pulse Width
tWDI
VIL = 0.4 V, VIH = 0.8 VCC
50
nS
WDI Input Voltagec
VIL
VCC = VTH + 20%
0.7
V
WDI Input Voltagec
VIH
VCC = VTH + 20%
0.8 VCC
V
WDI Input Current
IIL
WDI = 0 V
−15
−8
mA
WDI Input Current
IIH
WDI = VCC = 5 V
8
15
mA
Manual Reset Input (SiP823/SiP825)
MR Pulse Width
tMR
1.0
mS
MR Input Voltage
VIL
VCC = VTH + 20%
0.7
V
MR Input Voltage
VIH
VCC = VTH + 20%
0.8 VCC
V
MR Noise Immunity
(Pulse Width with No RESET)
100
nS
MR to RESET Delay
tMR
500
nS
MR Pull-Up Resistance
80
120
kW
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
b.
Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
c.
WDI is internally serviced within the watchdog period if WDI is left unconnected.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com