Electronic Components Datasheet Search
  English  ▼

X  

AA10B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AA10B
Description  10 Watts(NEW 3.3V Output)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AA10B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AA10B Datasheet HTML 1Page - List of Unclassifed Manufacturers AA10B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Fax 760-930-0881
105
ASTEC AMERICA
6339 Paseo Del Lago
Carlsbad, CA 92009
Telephone: 760-930-4600
Facsimile: 760-930-0698
ASTEC EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY8 4PG, UK
Telephone: 01384-842211
Facsimile: 01384-843355
Ordering Information
Input
Output 1
Output 2
Maximum
Model Number
Voltage
Voltage
Voltage
Power
9-36V
3.3V @ 2.42A
8W
AA10B-012L-033S
9-36V
5V @ 2A
10W
AA10B-012L-050S
9-36V
12V @ 0.830A
10W
AA10B-012L-120S
9-36V
15V @ 0.670A
10W
AA10B-012L-150S
9-36V
5V @ 0.750A
-5V @ 0.750A
7.5
AA10B-012L-050D
9-36V
12V @ 0.375A
-12V @ 0.375A
9W
AA10B-012L-120D
9-36V
15V @ 0.300A
-15V @ 0.300A
9W
AA10B-012L-150D
18-75V
3.3V @ 2.42A
8W
AA10B-046L-033S
18-75V
5V @ 2A
10W
AA10B-046L-050S
18-75V
12V @ 0.830A
10W
AA10B-046L-120S
18-75V
15V @ 0.670A
10W
AA10B-046L-150S
18-75V
5V @ 0.750A
-5V @ 0.750A
7.5W
AA10B-046L-050D
18-75V
12V @ 0.375A
-12V @ 0.375A
9W
AA10B-046L-120D
18-75V
15V @ 0.300A
-15V @ 0.300A
9W
AA10B-046L-150D
36-75V
3.3V @ 2.42A
8W
AA10B-048L-033S
36-75V
5V @ 2A
10W
AA10B-048L-050S
36-75V
12V @ 0.830A
10W
AA10B-048L-120S
36-75V
15V @ 0.670A
10W
AA10B-048L-150S
36-75V
5V @ 0.750A
-5V @ 0.750A
7.5W
AA10B-048L-050D
36-75V
12V @ 0.375A
-12V @ 0.375A
9W
AA10B-048L-120D
36-75V
15V @ 0.300A
-15V @ 0.300A
9W
AA10B-048L-150D
*For remote enable option, add suffix "E" to the part numbe
r . For example
: AA10B-048L-050SE= 48V in, 5V out with remote enable.
Please contac
t Astec for information on other output voltages, power ranges and configurations.
Pin Assignments
Case Material
:
Metal
W eight
:
1.4 oz/40 grams
Single Output
1. +Vin (Case GND -48/-46 models)
2. -Vin (Case GND -12 models)
3. Output 1
4. No pin
5.
COMM
6.
Enable (E models only)
Dual Output
1.
+Vin (Case GND -48/-46 models)
2.
-Vin (Case GND -12 models)
3.
Output 1
4.
Common
5.
Output 2
6.
Enable (E models only)
Doc No: 1333 • Rev 9.17.97
Dimensions
Notes
1. 20 MHz bandwidth
. An external 0.1 uf ceramic capacitor
is recommended to be placed from +V out to comm.
2. Meets EN55022 Clas
s A (-150S/D require 2.2uf input
capacitor). Consult factory for filter recommendations to
meet FCC class B, VDE or EIC specifications.
3. All specifications are typical at nominal line, full load,
and 2 5
°C unless otherwise noted.
4. All specifications subject to change without notice.
Mechanical drawings are for reference onl
y.
5. Calculated per MI
L HDBK 217 F, Ground benign at 2
5
°C,
full load. BELLCORE calculated per TR-NW
T-000332
method 1 parts count, Case 1.
NEW
NEW
NEW
(15.24)
(20.32)
(50.80)
.40
(10.16)
.200
(5.08)
1.00
(25.40)
.10
(2.54)
.400
(10.16)
.400
(10.16)
.40
(10.16)
.15 MIN.
(3.81)
.040 DIA. TYP.
(1.01)
BOTTOM VIEW
ALL DIMENSIONS ARE IN INCHES (mm)
.60
.800
2.00
1
2
3
4
5
6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com