Electronic Components Datasheet Search
  English  ▼

X  

MBR10100 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MBR10100
Description  High Temperature Schottky Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MBR10100 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MBR10100 Datasheet HTML 1Page - Diotec Semiconductor MBR10100 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBR10100
MBR10100
High Temperature Schottky Rectifier Diodes – Single Diode
Hochtemperatur Schottky-Gleichrichterdioden – Einzeldiode
Version 2015-01-14
Dimensions - Maße [mm]
Nominal current
Nennstrom
10 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
100 V
Plastic case – Kunststoffgehäuse
TO-220AC
Weight approx.
Gewicht ca.
1.8 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
Forward voltage
Durchlass-Spannung
VF [V] 1)
IF = 5 A
IF = 10 A
MBR10100
100
100
tbd
< 0.8
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 125°C
IFAV
10 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
30 A 2)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
SBT1090...
SBT10100
TA = 25°C
IFSM
135/150 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
80 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
Tj = 25°C
2
Max. temperature of the case TC = 100°C – Max. Temperatur des Gehäuses TC = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
4
3
1
Type
Typ
5.08
±0.1
0.8
±0.2
1.3
±0.1
10.1
±0.3
Ø
±0.2
3.8
1.2
±0.2
0.42±0.1
4.5
±0.2
2.67
±0.2
4
3
1


Similar Part No. - MBR10100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR10100 MOTOROLA-MBR10100 Datasheet
83Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Vishay Siliconix
MBR10100 VISHAY-MBR10100 Datasheet
125Kb / 3P
High Voltage Schottky Rectifiers
01-Jul-02
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
56Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
logo
ON Semiconductor
MBR10100 ONSEMI-MBR10100 Datasheet
58Kb / 4P
SWITCHMODE Power Rectifiers
February, 2006 ??Rev. 6
logo
Taiwan Semiconductor Co...
MBR10100 TSC-MBR10100 Datasheet
264Kb / 2P
10.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR10100

ManufacturerPart #DatasheetDescription
logo
Semikron International
SBH1220 SEMIKRON-SBH1220 Datasheet
346Kb / 2P
High temperature schottky barrier diodes
logo
Diotec Semiconductor
SK3H15SMB DIOTEC-SK3H15SMB_15 Datasheet
137Kb / 2P
SMD High Temperature Schottky Rectifier Diodes
30CTQ035 DIOTEC-30CTQ035_17 Datasheet
176Kb / 2P
High Temperature Schottky Rectifier Diodes
30CTQ035S DIOTEC-30CTQ035S Datasheet
163Kb / 2P
SMD High Temperature Schottky Rectifier Diodes
30CTQ200 DIOTEC-30CTQ200 Datasheet
182Kb / 2P
High Temperature Schottky Rectifier Diodes
SK3H15SMB DIOTEC-SK3H15SMB_18 Datasheet
143Kb / 2P
SMD High Temperature Schottky Rectifier Diodes
MBR20100CT DIOTEC-MBR20100CT Datasheet
151Kb / 2P
High Temperature Schottky Barrier Rectifier Diodes
SK1H10 DIOTEC-SK1H10 Datasheet
132Kb / 2P
SMD High Temperature Schottky Rectifier Diodes
SK3H10 DIOTEC-SK3H10 Datasheet
152Kb / 2P
SMD High Temperature Schottky Rectifier Diodes
SK3H10SMB DIOTEC-SK3H10SMB Datasheet
151Kb / 2P
SMD High Temperature Schottky Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com