Electronic Components Datasheet Search
  English  ▼

X  

RO2112 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RO2112
Description  433.42 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RO2112 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RO2112 Datasheet HTML 1Page - RF Monolithics, Inc RO2112 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RO2112-102699
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
433.345
433.495
MHz
Tolerance from 433.420 MHz
∆f
C
±75
kHz
Insertion Loss
IL
2, 5, 6
1.3
1.5
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
10,800
50
Ω Loaded Q
QL
1,300
Temperature Stability
Turnover Temperature
TO
6, 7, 8
20
35
50
°C
Turnover Frequency
fO
fc +1.6
kHz
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
16
19
Ω
Motional Inductance
LM
63.4534
µH
Motional Capacitance
CM
2.12504
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
2.0
2.3
2.6
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
2.0
pF
Test Fixture Shunt Inductance
LTEST
2, 7
60
nH
Lid Symbolization (in Addition to Lot and/or Date Codes)
RFM RO2112
TO39-3 Case
•
Ideal for European 433.92 MHz Superhet Receiver LOs
•
Very Low Series Resistance
•
Quartz Stability
•
Rugged, Hermetic, Low-Profile TO39 Case
The RO2112 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It pro-
vides reliable, fundamental-mode, quartz frequency stabilization of local oscillators operating at approxi-
mately 433.42 MHz. The RO2112 is designed for IC based 433.92 MHz superhet receivers with 500 kHz IF
(Philips UAA3201T). Applications include remote-control and wireless security devices operating in Europe
under ETSI I-ETS 300 220 and in Germany under FTZ 17 TR 2100.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
433.42 MHz
SAW
Resonator
RO2112
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less.
Aging may exceed the specification for prolonged temperatures above +65°C.
Typically, aging is greatest the first year after manufacture, decreasing signifi-
cantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point, ILMIN,
with the resonator in the 50
Ω test system (VSWR ≤ 1.2:1). The shunt induc-
tance, LTEST, is tuned for parallel resonance with CO at fC. Typically, fOSCILLA-
TOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing and
government approval, which is the responsibility of the equipment manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are subject
to change without notice.
7.
Derived mathematically from one or more of the following directly measured
parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) fre-
quency, fO. The nominal frequency at any case temperature, TC, may be calcu-
lated from: f= fO [1- FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C less than
the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the reso-
nant frequency and is provided for reference only. The capacitance CO is the
static (nonmotional) capacitance between pin1 and pin 2 measured at low fre-
quency (10 MHz) with a capacitance meter. The measurement includes case
parasitic capacitance with a floating case. For usual grounded case applica-
tions (with ground connected to either pin 1 or pin 2 and to the case), add
approximately 0.25 pF to CO.


Similar Part No. - RO2112

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2112A RFM-RO2112A Datasheet
100Kb / 2P
433.42 MHz SAW Resonator
RO2112C RFM-RO2112C Datasheet
99Kb / 2P
433.420 MHz SAW Resonator
RO2112D RFM-RO2112D Datasheet
101Kb / 2P
433.420 MHz SAW Resonator
RO2112E RFM-RO2112E Datasheet
100Kb / 2P
433.420 MHz SAW Resonator
More results

Similar Description - RO2112

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2112A RFM-RO2112A Datasheet
100Kb / 2P
433.42 MHz SAW Resonator
logo
Vanlong Technology Co.,...
SQ433M42 VANLONG-SQ433M42 Datasheet
116Kb / 2P
433.42 MHz Two-Port SAW Resonator
SR433M42 VANLONG-SR433M42 Datasheet
88Kb / 2P
433.42 MHz One-Port SAW Resonator
SR5511 VANLONG-SR5511 Datasheet
86Kb / 2P
433.42 MHz One Port SAW Resonator
SR5512 VANLONG-SR5512 Datasheet
93Kb / 2P
433.42 MHz One Port SAW Resonator
logo
Murata Manufacturing Co...
RO3112A MURATA-RO3112A Datasheet
392Kb / 2P
433.42 MHz SAW Resonator
RO3112C MURATA-RO3112C Datasheet
98Kb / 2P
433.42 MHz SAW Resonator
RO3112D MURATA-RO3112D Datasheet
99Kb / 2P
433.42 MHz SAW Resonator
RO3112E MURATA-RO3112E Datasheet
99Kb / 2P
433.42 MHz SAW Resonator
logo
Abracon Corporation
ASR433.42E ABRACON-ASR433.42E Datasheet
994Kb / 1P
SMD ONE PORT 433.42 MHz SAW RESONATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com