Electronic Components Datasheet Search
  English  ▼

X  

RID65 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # RID65
Description  65W Dual Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RID65 Datasheet(HTML) 1 Page - Astrodyne Corporation

  RID65 Datasheet HTML 1Page - Astrodyne Corporation RID65 Datasheet HTML 2Page - Astrodyne Corporation RID65 Datasheet HTML 3Page - Astrodyne Corporation RID65 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
65W Dual Output Switching Power Supply
RID-65 series
WWW.ASTRODYNE.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Isolated Output
Universal AC input
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
LED indicator for power on
All using 105°C long life electrolytic capacitors
Model Number Output Volts Output Amps
Ripple & Noise
Min Load
Line Reg Load Reg Volt Tolerance
DUAL OUTPUT
RID-65A
5 Volts(DC)
6 Amps
80mV pk-pk
0.3 ~ 8A
±0.5%
±0.5%
±2.0%
12 Volts(DC)
3 Amps
120mV pk-pk
0.2 ~ 4A
±1.5%
±5.0%
±8.0%
RID-65B
5 Volts(DC)
4 Amps
80mV pk-pk
0.3 ~ 8A
±0.5%
±0.5%
±2.0%
24 Volts(DC)
2 Amps
150mV pk-pk
0.2 ~ 3A
±2.0%
±5.0%
±10%


Similar Part No. - RID65

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RID-125 MEANWELL-RID-125 Datasheet
1Mb / 3P
125W Dual Output Swithching Power Supply
RID-125 MEANWELL-RID-125 Datasheet
798Kb / 3P
125W Dual Output Switching Power Supply
RID-125-1205 MEANWELL-RID-125-1205 Datasheet
1Mb / 3P
125W Dual Output Swithching Power Supply
RID-125-1205 MEANWELL-RID-125-1205 Datasheet
798Kb / 3P
125W Dual Output Switching Power Supply
RID-125-1224 MEANWELL-RID-125-1224 Datasheet
1Mb / 3P
125W Dual Output Swithching Power Supply
More results

Similar Description - RID65

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65 Datasheet
424Kb / 2P
65W Dual Output Switching Power Supply
RID-65 MEANWELL-RID-65 Datasheet
429Kb / 2P
65W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
PD-65 RSG-PD-65 Datasheet
120Kb / 2P
65W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-65 MEANWELL-PD-65_11 Datasheet
428Kb / 2P
65W Dual Output Switching Power Supply
RD-65 MEANWELL-RD-65_10 Datasheet
436Kb / 2P
65W Dual Output Switching Power Supply
RID-65 MEANWELL-RID-65_10 Datasheet
437Kb / 2P
65W Dual Output Switching Power Supply
RID-65 MEANWELL-RID-65_11 Datasheet
437Kb / 2P
65W Dual Output Switching Power Supply
RD-65 MEANWELL-RD-65_11 Datasheet
437Kb / 2P
65W Dual Output Switching Power Supply
logo
Astrodyne Corporation
PD65 ASTRODYNE-PD65 Datasheet
327Kb / 4P
65W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-65 TOTAL-POWER-RD-65 Datasheet
499Kb / 2P
65W Dual Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com