Electronic Components Datasheet Search
  English  ▼

X  

RT50 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # RT50
Description  50W Triple Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RT50 Datasheet(HTML) 1 Page - Astrodyne Corporation

  RT50 Datasheet HTML 1Page - Astrodyne Corporation RT50 Datasheet HTML 2Page - Astrodyne Corporation RT50 Datasheet HTML 3Page - Astrodyne Corporation RT50 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
50W Triple Output Switching Power Supply
RT50 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
LED indicator for power on
All using 105°C long life electrolytic capacitors
High efficiency, long life and high reliability
Model Number Output Volts Output Amps
Ripple & Noise
Min Load
Line Reg
Load Reg Volt Tolerance
TRIPLE OUTPUT
RT50-A
5 Volts(DC)
4 Amps
80mV pk-pk
0.5~5Amps
±0.5%
±1.0%
±2.0%
12 Volts(DC)
2 Amps
120mV pk-pk
0.2~2.5Amps
±1.5%
±3.0%
±6.0%
-5 Volts(DC)
0.5 Amps
100mV pk-pk
0.1~1Amps
±0.5%
±1.0%
±2.0%
RT50-B
5 Volts(DC)
4 Amps
80mV pk-pk
0.5~5Amps
±0.5%
±1.0%
±2.0%
12 Volts(DC)
2 Amps
120mV pk-pk
0.2~2.5Amps
±1.5%
±3.0%
±6.0%
-12 Volts(DC)
0.5 Amps
120mV pk-pk
0.1~1Amps
±0.5%
±1.0%
±2.0%
RT50-C
5 Volts(DC)
4 Amps
80mV pk-pk
0~5Amps
±0.5%
±1.0%
±2.0%
15 Volts(DC)
1.5 Amps
120mV pk-pk
0.2~2Amps
±1.5%
±3.0%
+8,-4%
-15 Volts(DC)
0.5 Amps
120mV pk-pk
0.1~1Amps
±0.5%
±1.0%
±2.0%
RT50-D
5 Volts(DC)
3 Amps
80mV pk-pk
0.5~5Amps
±0.5%
±1.0%
±2.0%
24 Volts(DC)
1 Amps
150mV pk-pk
0.2~1.5Amps
±2.0%
±3.0%
+8,-4%
12 Volts(DC)
1 Amps
120mV pk-pk
0.1~1Amps
±2.0%
±4.0%
±6.0%


Similar Part No. - RT50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
logo
LEM
RT500 LEM-RT500 Datasheet
682Kb / 4P
Split core type
logo
Vishay Siliconix
RT500 VISHAY-RT500 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Vishay Siliconix
RT500AS1000JB VISHAY-RT500AS1000JB Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results

Similar Description - RT50

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT-50 ASTRODYNE-RT-50 Datasheet
484Kb / 2P
50W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
NET-50 MEANWELL-NET-50 Datasheet
425Kb / 2P
50W Triple Output Switching Power Supply
RT-50 MEANWELL-RT-50 Datasheet
406Kb / 2P
50W Triple Output Switching Power Supply
T-50 MEANWELL-T-50 Datasheet
356Kb / 2P
50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_10 Datasheet
428Kb / 2P
50W Triple Output Switching Power Supply
RT-50 MEANWELL-RT-50_10 Datasheet
415Kb / 2P
50W Triple Output Switching Power Supply
RT-50 MEANWELL-RT-50_11 Datasheet
416Kb / 2P
50W Triple Output Switching Power Supply
NET-50 MEANWELL-NET-50_11 Datasheet
427Kb / 2P
50W Triple Output Switching Power Supply
logo
Total Power Internation...
NET-50 TOTAL-POWER-NET-50 Datasheet
434Kb / 2P
50W Triple Output Switching Power Supply
RT-50 TOTAL-POWER-RT-50 Datasheet
493Kb / 2P
50W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com