Electronic Components Datasheet Search
  English  ▼

X  

RT125 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # RT125
Description  125W Triple Output Switching Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

RT125 Datasheet(HTML) 1 Page - Astrodyne Corporation

  RT125 Datasheet HTML 1Page - Astrodyne Corporation RT125 Datasheet HTML 2Page - Astrodyne Corporation RT125 Datasheet HTML 3Page - Astrodyne Corporation RT125 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
125W Triple Output Switching Power Supply
RT125 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Protections:Short circuit/Over load/Over voltage
Cooling by free air convection
LED indicator for power on
All using 105°C long life electrolytic capacitors
High efficiency, long life and high reliability
Model Number Output Volts Output Amps
Ripple & Noise
Min Load
Line Reg Load Reg Volt Tolerance
TRIPLE OUTPUT
RT125-A
5 Volts(DC)
12 Amps
80mV pk-pk
2~15Amps
±0.5%
±1.0%
±2.0%
12 Volts(DC)
5.5 Amps
120mV pk-pk
0.5~6Amps
±1.0%
±3.0%
+8,-3%
-5 Volts(DC)
1.0 Amps
80mV pk-pk
0.1~1Amps
±1.0%
±6.0%
+6,-10%
RT125-B
5 Volts(DC)
12 Amps
80mV pk-pk
2~15Amps
±0.5%
±1.0%
±2.0%
12 Volts(DC)
5.0 Amps
120mV pk-pk
0.5~6Amps
±1.0%
±3.0%
+8,-3%
-12 Volts(DC)
1.0 Amps
120mV pk-pk
0.1~1Amps
±1.0%
±6.0%
±6.0%
RT125-C
5 Volts(DC)
10 Amps
80mV pk-pk
2~15Amps
±0.5%
±1.0%
±2.0%
15 Volts(DC)
4.5 Amps
150mV pk-pk
0.5~6Amps
±1.0%
±3.0%
+8,-3%
-15 Volts(DC)
1.0 Amps
150mV pk-pk
0.1~1Amps
±1.0%
±6.0%
±6.0%
RT125-D
5 Volts(DC)
8.0 Amps
80mV pk-pk
2~15Amps
±0.5%
±1.0%
±2.0%
24 Volts(DC)
3.0 Amps
150mV pk-pk
0.4~4mps
±1.0%
±3.0%
±5.0%
12 Volts(DC)
2.0 Amps
120mV pk-pk
0.1~2Amps
±1.0%
±6.0%
±6.0%


Similar Part No. - RT125

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
LVPECL Terminators RoHS Compliant Parts Available
RT1250B6 CTS-RT1250B6 Datasheet
70Kb / 2P
Configuration Selector Guide
RT1250B6TR13 CTS-RT1250B6TR13 Datasheet
58Kb / 2P
LVPECL Terminators RoHS Compliant Parts Available
RT1250B6TR13 CTS-RT1250B6TR13 Datasheet
70Kb / 2P
Configuration Selector Guide
RT1250B6TR7 CTS-RT1250B6TR7 Datasheet
58Kb / 2P
LVPECL Terminators RoHS Compliant Parts Available
More results

Similar Description - RT125

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT-125 ASTRODYNE-RT-125 Datasheet
421Kb / 2P
125W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RQ-125 MEANWELL-RQ-125 Datasheet
346Kb / 2P
125W Quad Output Switching Power Supply
RT-125 MEANWELL-RT-125 Datasheet
343Kb / 2P
125W Triple Output Switching Power Supply
RQ-125 MEANWELL-RQ-125_10 Datasheet
355Kb / 2P
125W Quad Output Switching Power Supply
RT-125 MEANWELL-RT-125_10 Datasheet
351Kb / 2P
125W Triple Output Switching Power Supply
RT-125 MEANWELL-RT-125_11 Datasheet
352Kb / 2P
125W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RID125 ASTRODYNE-RID125 Datasheet
322Kb / 4P
125W Dual Output Switching Power Supply
logo
Total Power Internation...
RD-125 TOTAL-POWER-RD-125 Datasheet
473Kb / 4P
125W Dual Output Switching Power Supply
RQ-125 TOTAL-POWER-RQ-125 Datasheet
425Kb / 2P
125W Quad Output Switching Power Supply
RT-125 TOTAL-POWER-RT-125 Datasheet
417Kb / 2P
125W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com