Electronic Components Datasheet Search
  English  ▼

X  

SP75DRL Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SP75DRL
Description  75W Single Output with PFC Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SP75DRL Datasheet(HTML) 1 Page - Astrodyne Corporation

  SP75DRL Datasheet HTML 1Page - Astrodyne Corporation SP75DRL Datasheet HTML 2Page - Astrodyne Corporation SP75DRL Datasheet HTML 3Page - Astrodyne Corporation SP75DRL Datasheet HTML 4Page - Astrodyne Corporation SP75DRL Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
75W Single Output with PFC Function
SP75/DRL series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage
Built-in active PFC function, PF >0.93
LED indicator for power on
Built-in constant current limiting circuit
Low profile: 33mm thickness
Fixed switching frequency at PFC:67KHz PWM:134KHz
Model Number Output Volts Output Amps
Ripple & Noise
Min Load
DC Volt Adjust Load Reg Efficiency
SINGLE OUTPUT
SP75-3.3/DRL
3.3 Volts(DC)
15 Amps
80mV pk-pk
0~15Amps
3.14~3.63Volt(DC)
±1.0%
68%
SP75-5/DRL
5 Volts(DC)
15 Amps
80mV pk-pk
0~15Amps
4.75~5.5Volt(DC)
±1.0%
72%
SP75-7.5/DRL
7.5 Volts(DC)
10 Amps
80mV pk-pk
0~10Amps
7.13~8.25Volt(DC)
±1.0%
74%
SP75-12/DRL
12 Volts(DC)
6.3 Amps
80mV pk-pk
0~6.3Amps
11.4~13.2Volt(DC
±0.5%
77%
SP75-13.5/DRL
13.5 Volts(DC)
5.6 Amps
80mV pk-pk
0~5.6Amps
12.8~14.9Volt(DC)
±0.5%
78%
SP75-15/DRL
15 Volts(DC)
5.0 Amps
80mV pk-pk
0~5.0Amps
14.3~16.5Volt(DC)
±0.5%
79%
SP75-24/DRL
24 Volts(DC)
3.2Amps
100mV pk-pk
0~3.2Amps
22.8~26.4Volt(DC)
±0.5%
80%
SP75-27/DRL
27 Volts(DC)
2.8 Amps
100mV pk-pk
0~2.8Amps
25.7~29.7Volt(DC)
±0.5%
80%
SP75-48/DRL
48 Volts(DC)
1.6 Amps
100mV pk-pk
0~1.6Amps
45.6~52.8Volt(DC)
±0.5%
80%


Similar Part No. - SP75DRL

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP750 ASTRODYNE-SP750 Datasheet
761Kb / 5P
750W Single Output with PFC Function
logo
EDSYN Inc.
SP750 EDSYN-SP750 Datasheet
421Kb / 1P
Pick Up Tool Needles and Suction Cups
logo
Astrodyne Corporation
SP750-12 ASTRODYNE-SP750-12 Datasheet
761Kb / 5P
750W Single Output with PFC Function
SP750-15 ASTRODYNE-SP750-15 Datasheet
761Kb / 5P
750W Single Output with PFC Function
SP750-24 ASTRODYNE-SP750-24 Datasheet
761Kb / 5P
750W Single Output with PFC Function
More results

Similar Description - SP75DRL

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-75 ASTRODYNE-SP-75 Datasheet
327Kb / 2P
75W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-75 MEANWELL-SP-75 Datasheet
261Kb / 2P
75W Single Output with PFC Function
HRP-75-3.3 MEANWELL-HRP-75-3.3 Datasheet
387Kb / 2P
75W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-75 RSG-SP-75 Datasheet
123Kb / 2P
75W Single Output with PFC Function
logo
Mean Well Enterprises C...
ELP-75 MEANWELL-ELP-75 Datasheet
731Kb / 2P
75W Single Output with PFC Function
HRP-75 MEANWELL-HRP-75_11 Datasheet
390Kb / 2P
75W Single Output with PFC Function
SP-75 MEANWELL-SP-75_10 Datasheet
270Kb / 2P
75W Single Output with PFC Function
SP-75_1109 MEANWELL-SP-75_1109 Datasheet
270Kb / 2P
75W Single Output with PFC Function
RSP-75 MEANWELL-RSP-75 Datasheet
147Kb / 2P
75W Single Output with PFC Function
logo
Total Power Internation...
HRP-75 TOTAL-POWER-HRP-75 Datasheet
394Kb / 2P
75W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com