Electronic Components Datasheet Search
  English  ▼

X  

SP100DRL Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SP100DRL
Description  100W Single Output with PFC Function
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SP100DRL Datasheet(HTML) 1 Page - Astrodyne Corporation

  SP100DRL Datasheet HTML 1Page - Astrodyne Corporation SP100DRL Datasheet HTML 2Page - Astrodyne Corporation SP100DRL Datasheet HTML 3Page - Astrodyne Corporation SP100DRL Datasheet HTML 4Page - Astrodyne Corporation SP100DRL Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
100W Single Output with PFC Function
SP100/DRL series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage
Built-in active PFC function, PF>0.93
LED indicator for power on
Built-in constant current limiting circuit
Low profile: 33mm thickness
Fixed switching frequency at PFC:67KHz PWM:134KHz
Model Number Output Volts Output Amps
Ripple & Noise
Min Load
DC Volt Adjust Load Reg Efficiency
SINGLE OUTPUT
SP100-3.3/DRL
3.3 Volts(DC)
20 Amps
100mV pk-pk
0~20Amps
3.14~3.63Volt(DC)
±1.0%
70%
SP100-5/DRL
5 Volts(DC)
20 Amps
100mV pk-pk
0~20Amps
4.75~5.5Volt(DC)
±1.0%
76%
SP100-7.5/DRL
7.5 Volts(DC)
13.5 Amps
100mV pk-pk
0~13.5Amps
7.13~8.25Volt(DC)
±1.0%
78%
SP100-12/DRL
12 Volts(DC)
8.5 Amps
100mV pk-pk
0~8.5Amps
11.4~13.2Volt(DC
±0.5%
80%
SP100-13.5/DRL
13.5 Volts(DC)
7.5 Amps
100mV pk-pk
0~7.5Amps
12.8~14.9Volt(DC)
±0.5%
80%
SP100-15/DRL
15 Volts(DC)
6.7 Amps
100mV pk-pk
0~6.7Amps
14.3~16.5Volt(DC)
±0.5%
82%
SP100-24/DRL
24 Volts(DC)
4.2Amps
150mV pk-pk
0~4.2Amps
22.8~26.4Volt(DC)
±0.5%
84%
SP100-27/DRL
27 Volts(DC)
3.8 Amps
150mV pk-pk
0~3.8Amps
25.7~29.7Volt(DC)
±0.5%
83%
SP100-48/DRL
48 Volts(DC)
2.1 Amps
250mV pk-pk
0~2.1Amps
45.6~52.8Volt(DC)
±0.5%
82%


Similar Part No. - SP100DRL

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SP100 SYSTEMSENSOR-SP100 Datasheet
349Kb / 4P
Speakers
logo
Astrodyne Corporation
SP100 ASTRODYNE-SP100 Datasheet
343Kb / 4P
100W Single Output with PFC Function
logo
Amphenol Corporation
SP100 AMPHENOL-SP100 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Campbell Scientific Uni...
SP100 CAMPBELL-SP100 Datasheet
869Kb / 3P
SP5, SP10, SP30, SP60 and SP100 Series
January 23, 2018
logo
Astrodyne Corporation
SP100-12 ASTRODYNE-SP100-12 Datasheet
343Kb / 4P
100W Single Output with PFC Function
More results

Similar Description - SP100DRL

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP-100 ASTRODYNE-SP-100 Datasheet
327Kb / 2P
100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100 Datasheet
293Kb / 2P
100W Single Output with PFC Function
logo
XP Power Limited
LPP-100-3.3 XPPOWER-LPP-100-3.3 Datasheet
614Kb / 4P
100W Single Output with PFC Function
logo
RSG Electronic Componen...
LPP-100-3.3 RSG-LPP-100-3.3 Datasheet
205Kb / 2P
100W Single Output with PFC Function
SP-100 RSG-SP-100 Datasheet
138Kb / 2P
100W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-100 MEANWELL-SP-100_10 Datasheet
301Kb / 2P
100W Single Output with PFC Function
LPP-100 MEANWELL-LPP-100_12 Datasheet
338Kb / 2P
100W Single Output with PFC Function
HRP-100 MEANWELL-HRP-100_11 Datasheet
329Kb / 2P
100W Single Output with PFC Function
EPP-100 MEANWELL-EPP-100 Datasheet
759Kb / 2P
100W Single Output with PFC Function
logo
Astrodyne Corporation
LPP100 ASTRODYNE-LPP100 Datasheet
329Kb / 4P
100W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com