Electronic Components Datasheet Search
  English  ▼

X  

SP320 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # SP320
Description  320W Single Output with PFC Function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SP320 Datasheet(HTML) 1 Page - Astrodyne Corporation

  SP320 Datasheet HTML 1Page - Astrodyne Corporation SP320 Datasheet HTML 2Page - Astrodyne Corporation SP320 Datasheet HTML 3Page - Astrodyne Corporation SP320 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
320W Single Output with PFC Function
SP320 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections:Short circuit/Over load/Over voltage/Over
temperarure
Built-in active PFC function, PF >0.95
Forced air cooling by built-in DC Fan
Built-in fan speed control
Fixed switching frequency at 100KHz
Model Number Output Volts
Output Amps
OVP
Min Load
DC Volt Adjust Load Reg Efficiency
SINGLE OUTPUT
SP320-3.3
3.3 Volts(DC)
55 Amps
3.8 ~ 4.5Volt(DC)
0~60Amps
3.14~3.63Volt(DC)
±1.5%
74%
SP320-5
5 Volts(DC)
55 Amps
5.75 ~ 6.75Volt(DC)
0~55Amps
4.5~5.5Volt(DC)
±1.0%
79%
SP320-7.5
7.5 Volts(DC)
40 Amps
9.4 ~ 10.9Volt(DC)
0~40Amps
6.0~9.0Volt(DC)
±1.0%
83%
SP320-12
12 Volts(DC)
25 Amps
13.8 ~ 16.2Volt(DC)
0~25Amps
10~13.2Volt(DC
±0.5%
86%
SP320-13.5
13.5 Volts(DC)
22 Amps
15.5 ~ 18.2Volt(DC)
0~22Amps
12~15Volt(DC)
±0.5%
86%
SP320-15
15 Volts(DC)
20 Amps
18 ~ 21Volt(DC)
0~20Amps
13.5~18Volt(DC)
±0.5%
86%
SP320-24
24 Volts(DC)
13 Amps
27.6 ~ 32.4Volt(DC)
0~13Amps
20~26.4Volt(DC)
±0.5%
87%
SP320-27
27 Volts(DC)
11.7 Amps
33.7 ~ 39.2Volt(DC)
0~11.7Amps
26~31.5Volt(DC)
±0.5%
88%
SP320-36
36 Volts(DC)
8.8 Amps
45 ~ 52.5Volt(DC)
0~8.8Amps
32.4~39.6Volt(DC)
±0.5%
87%
SP320-48
48 Volts(DC)
6.7 Amps
57.6~ 67.2Volt(DC)
0~6.7Amps
41~56Volt(DC)
±0.5%
89%


Similar Part No. - SP320

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP320 SIPEX-SP320 Datasheet
220Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP320 SIPEX-SP320 Datasheet
647Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
logo
Exar Corporation
SP320 EXAR-SP320 Datasheet
791Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
logo
Sipex Corporation
SP3203 SIPEX-SP3203 Datasheet
121Kb / 14P
3V RS-232 Serial Transceiver with Logic Selector
SP3203CY SIPEX-SP3203CY Datasheet
121Kb / 14P
3V RS-232 Serial Transceiver with Logic Selector
More results

Similar Description - SP320

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-320 TOTAL-POWER-SP-320 Datasheet
494Kb / 2P
320W Single Output with PFC Function
logo
Astrodyne Corporation
SP-320 ASTRODYNE-SP-320 Datasheet
295Kb / 2P
320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320 Datasheet
412Kb / 2P
320W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-320 RSG-SP-320 Datasheet
133Kb / 2P
320W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-320 MEANWELL-SP-320_11 Datasheet
416Kb / 2P
320W Single Output with PFC Function
SP-320_1109 MEANWELL-SP-320_1109 Datasheet
415Kb / 2P
320W Single Output with PFC Function
QP-320 MEANWELL-QP-320_11 Datasheet
257Kb / 2P
320W Quad Output with PFC Function
RSP-320 MEANWELL-RSP-320 Datasheet
148Kb / 3P
320W Single Output with PFC Function
logo
Astrodyne Corporation
SP320DRL ASTRODYNE-SP320DRL Datasheet
873Kb / 3P
320W Single Output with PFC Function
logo
Total Power Internation...
QP-320 TOTAL-POWER-QP-320 Datasheet
256Kb / 2P
320W Quad Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com