Electronic Components Datasheet Search
  English  ▼

X  

DAC0831 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0831
Description  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0831 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DAC0831 Datasheet HTML 10Page - National Semiconductor (TI) DAC0831 Datasheet HTML 11Page - National Semiconductor (TI) DAC0831 Datasheet HTML 12Page - National Semiconductor (TI) DAC0831 Datasheet HTML 13Page - National Semiconductor (TI) DAC0831 Datasheet HTML 14Page - National Semiconductor (TI) DAC0831 Datasheet HTML 15Page - National Semiconductor (TI) DAC0831 Datasheet HTML 16Page - National Semiconductor (TI) DAC0831 Datasheet HTML 17Page - National Semiconductor (TI) DAC0831 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
DAC0830 Series Application Hints
(Continued)
2.5 Zero Adjustment
For accurate conversions, the input offset voltage of the
output amplifier must always be nulled. Amplifier offset errors
create an overall degradation of DAC linearity.
The fundamental purpose of zeroing is to make the voltage
appearing at the DAC outputs as near 0V
DC as possible.
This is accomplished for the typical DAC — op amp con-
nection (
Figure 7) by shorting out R
fb, the amplifier feedback
resistor, and adjusting the V
OS nulling potentiometer of the
op amp until the output reads zero volts. This is done, of
course, with an applied digital code of all zeros if I
OUT1 is
driving the op amp (all one’s for I
OUT2). The short around Rfb
is then removed and the converter is zero adjusted.
00560839
t
s
OP Amp
C
C
(O to Full Scale)
LF356
22 pF
4 µs
LF351
22 pF
5 µs
LF357*
10 pF
2 µs
*2.4 k
Ω RESISTOR ADDED FROM−INPUT TO GROUND TO
INSURE STABILITY
FIGURE 8.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com