Electronic Components Datasheet Search
  English  ▼

X  

R1Z Datasheet(PDF) 1 Page - Recom International Power

Part # R1Z
Description  1 Watt SMD Miniature Isolated Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1Z Datasheet(HTML) 1 Page - Recom International Power

  R1Z Datasheet HTML 1Page - Recom International Power R1Z Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
R1Z
Selection Guide
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Derating-Graph
(Ambient Temperature)
1 Watt SMD
Miniature
Isolated
Single Output
● 1kVDC & 2kVDC Isolation
● UL94V-0 Package Material
● RoHS 6/6
● Toroidal Magnetics
● Optional Continuous Short Circuit Protected
● Built-In EN55022 Class A Filter
Features
Regulated
Converters
60
20 40
100
Operating Temperature (°C)
0
80
-20
-40
20
40
60
80
100
85
70
Safe Operating Area
Part
Input
Output
Output
Max
Number
Voltage
Voltage
Current
Capacitive
SMD
2kVDC
(VDC)
(VDC)
(mA)
Load(1)
R1Z-xx3.3*
(/H)
3.3, 5, 12, 15, 24
3.3
303
2200µF
R1Z-xx05*
(/H)
3.3, 5, 12, 15, 24
5
200
1200µF
R1Z-xx09*
(/H)
3.3, 5, 12, 15, 24
9
111
680µF
R1Z-xx12*
(/H)
3.3, 5, 12, 15, 24
12
84
680µF
R1Z-xx15*
(/H)
3.3, 5, 12, 15, 24
15
66
470µF
xx= Input Voltage (other input and output voltage combinations available on request
*add suffix -R for tape & reel packing e.g. R1Z-0505-R
*add suffix /P for continuous short circuit protection, e.g. R1Z-0505/P-R
Input Voltage Range
±5%
Output Voltage Accuracy
±2%
Line Voltage Regulation
1% max.
Load Voltage Regulation
1% max.
Output Ripple and Noise (at 20MHz BW)
100mVp-p max.
Operating Frequency
20kHz min. / 40kHz typ. / 80kHz max.
Efficiency at Full Load
50% min. / 60% typ.
Minimum Load
10% (2)
No Load Power Consumption
134mW min. / 217mW typ. / 350mW max.
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC
H-Suffix
(rated for 1 minute**)
1000VAC / 60Hz
Isolation Capacitance
70pF typ.
Isolation Resistance
10 GW min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (natural convection)
-40°C to +70°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec) max.
Vapor Phase Process
230°C (90 sec) max.
(for more details see Application Notes)
Relative Humidity
95% RH
Package Weight
1.6g
Packing Quantity
33 pcs per tube
250 pcs per Reel
MTBF
R1Z (+25°C)
using MIL-HDBK 217F
2203 x 103 hours
(+70°C)
using MIL-HDBK 217F
391 x 103 hours
R1Z/P (+25°C)
using MIL-HDBK 217F
2387 x 103 hours
(+70°C)
using MIL-HDBK 217F
641 x 103 hours
Conducted / Radiated Emissions
EN55022
Level A
EN General Safety
Report: SPCLVD1211033-3
EN60950-1:2006 + A12:2011
EN Medical Safety
Report: MDD1205098-4 + RM1205098-4
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
UL General Safety
Report: E358085
UL60950-1, 2nd Edition
For detailed information see Application Notes chapter "MTBF"
Description The R1Z series DC/DC converter has been designed for isolating or converting DC power rails
where an SMD format with regulated output is required, although it is no larger than a
standard unregulated SMD converter.
Refer to Application Notes
RoHS
2011/65/EU
6/6
EN-60950-1 Certified
EN-60601-1 Certified*
UL-60950-1 Certified
(*/H suffix)
E358085
**Any data referred to in this datasheet are of indicative nature
and based on our practical experience only. For further details,
please refer to our Application Notes.
REV: 0/2015
E-119
www.recom-power.com


Similar Part No. - R1Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1Z-05 ETC2-R1Z-05 Datasheet
88Kb / 2P
1kVDC 2kVDC Isolation
R1Z-0505 ETC2-R1Z-0505 Datasheet
88Kb / 2P
1kVDC 2kVDC Isolation
R1Z-09 ETC2-R1Z-09 Datasheet
88Kb / 2P
1kVDC 2kVDC Isolation
R1Z-12 ETC2-R1Z-12 Datasheet
88Kb / 2P
1kVDC 2kVDC Isolation
R1Z-15 ETC2-R1Z-15 Datasheet
88Kb / 2P
1kVDC 2kVDC Isolation
More results

Similar Description - R1Z

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RZ-XX05S RECOM-RZ-XX05S Datasheet
74Kb / 2P
0.5 Watt SMD Isolated Single Output
RSZ-3.303 RECOM-RSZ-3.303 Datasheet
89Kb / 2P
1 Watt SMD Miniature Isolated Single Output
RZ-0505S RECOM-RZ-0505S_06 Datasheet
81Kb / 2P
0.5 Watt SMD Isolated Single Output
RSZ RECOM-RSZ_10 Datasheet
98Kb / 2P
1 Watt SMD Miniature Isolated Single Output
RZ RECOM-RZ_10 Datasheet
95Kb / 2P
0.5 Watt SMD Isolated Single Output
R1SE RECOM-R1SE Datasheet
227Kb / 3P
1 Watt SMD Single Output
R0.5Z RECOM-R0.5Z Datasheet
87Kb / 2P
0.5 Watt SMD Isolated Single Output
R0.25S-E RECOM-R0.25S-E Datasheet
93Kb / 2P
0.25 Watt SMD Isolated Single Output
R1SE RECOM-R1SE_15 Datasheet
99Kb / 2P
1 Watt SMD Isolated Single Output
R1ZX RECOM-R1ZX Datasheet
388Kb / 5P
1 Watt SMD Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com