Electronic Components Datasheet Search
  English  ▼

X  

R-78HB Datasheet(PDF) 1 Page - Recom International Power

Part # R-78HB
Description  0.5 AMP SIP3 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-78HB Datasheet(HTML) 1 Page - Recom International Power

  R-78HB Datasheet HTML 1Page - Recom International Power R-78HB Datasheet HTML 2Page - Recom International Power R-78HB Datasheet HTML 3Page - Recom International Power R-78HB Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INNOLINE
DC/DC-Converter
with year Warranty
R-78HB
0.5 AMP
SIP3
Single Output
● Efficiency up to 96%, Non isolated,
no need for heatsinks
● Pin-out compatible with LM78XX Linears
● Low profile( L*W*H=11.5*8.5*17.5mm)
● High voltage input range, up to 72V
● Short circuit protection, Thermal shutdown
● Non-standard outputs available as specials
between 3.3V~24V
● Low ripple and noise
● ”L” version with 90° pins
● See Innoline Application Notes for use as an
inverter (alternative to LM79xx Linear)
Features
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Range
Voltage
Current
Vmin.
30V
72V
SIP3
(V)
(V)
(A)
(%)
(%)
(%)
R-78HB3.3-0.5
9 - 72
3.3
0.5
82
80
76
R-78HB5.0-0.5
9 - 72
5.0
0.5
87
85
81
R-78HB6.5-0.5
9 - 72
6.5
0.5
91
87
84
R-78HB9.0-0.5
14 - 72
9.0
0.5
92
90
86
R-78HB12-0.5
17 - 72
12
0.5
94
93
89
R-78HB15-0.5
20 - 72
15
0.5
95
94
91
R-78HB24-0.3
36 - 72
24
0.3
96
92
120
100
20
60
100
75
0
-40
Operating Temperature (°C)
0
80
50
25
71
Safe Operating Area
85
40
Derating-Graph
(Ambient Temperature)
Description
* add Suffix “L” for 90° bent pins, e.g. R-78HB5.0-0.5L
EN-55022 Certified
EN-55024 Certified
IEC/EN-60950-1 Certified
The R-78HBxx-Series high efficiency, high input voltage switching regulators are ideally suited to replace 78xx linear
regulators and are pin compatible. The efficiency of up to 96% means that very little energy is wasted as heat so there
is no need for any heat sinks with their additional space and mounting costs.
An input voltage range of up to 8:1is unsurpassed by any other converter and allows the full stored energy utilization of
standard and high voltage batteries. The fully protected output is ideal for industrial applications (especially for industry
standard 24VDC bus supplies) and the L-Version with 90° pins allows direct replacement for laid-flat regulators where
component height is at a premium. Low ripple and noise figures and a short circuit input current of typically only 15mA
round off the specifications of this versatile converter series.
Typical applications include telecommunication, automotive, industrial, aerospace and battery powered applications.
RoHS
2011/65/EU
6/6
Refer to Application Notes
Specifications (refer to the standard application circuit, Ta: 25°C, minimum load = 10%)
Characteristics
Conditions
Min.
Typ.
Max.
Input Voltage Range
See table
9V
72V
75V max.
Output Voltage Range (for customized parts)
All Series
3.3V
24V
Output Current (see Note 1)
3.3V, 5V, 6.5V, 9V, 12V, 15V
10mA
500mA
24V
6mA
300mA
Short Circuit Input Current
All Series
15mA
25mA
Internal Input Filter
1µF Capacitor
Internal Power Dissipation
0.65W
Short Circuit Protection
Continuous, automatic recovery
Output Voltage Accuracy
At 100% Load
±2%
±3%
Line Voltage Regulation
Vin = min. to max. at full load
0.4%
1%
Load Regulation
10% to 100% full load
0.3%
0.6%
Dynamic Load Stability (with Output Capacitor=100µF) 100% <-> 50% load
±75mV ±100mV
Ripple & Noise (without Output Capacitor)
10% to 100% full load
20mVp-p 60mVp-p
continued on next page
www.recom-power.com
I-29
REV: 0/2015


Similar Part No. - R-78HB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
0.5 AMP SIP3 Wired Single Output
R-78HB12-0.5 RECOM-R-78HB12-0.5 Datasheet
112Kb / 4P
0.5 AMP SIP3 Single Output
R-78HB12-0.5/W RECOM-R-78HB12-0.5/W Datasheet
470Kb / 4P
0.5 AMP SIP3 Wired Single Output
R-78HB12-0.5L RECOM-R-78HB12-0.5L Datasheet
112Kb / 4P
0.5 AMP SIP3 Single Output
R-78HB15-0.5 RECOM-R-78HB15-0.5 Datasheet
112Kb / 4P
0.5 AMP SIP3 Single Output
More results

Similar Description - R-78HB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-781.5-0.5 RECOM-R-781.5-0.5 Datasheet
116Kb / 4P
0.5 AMP SIP3 Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
1.5 AMP SIP3 Single Output
R-78HB3.3-0.5 RECOM-R-78HB3.3-0.5 Datasheet
112Kb / 4P
0.5 AMP SIP3 Single Output
R-781.5-0.5 RECOM-R-781.5-0.5_07 Datasheet
101Kb / 4P
0.5 AMP SIP3 Single Output
R-78XX-0 RECOM-R-78XX-0 Datasheet
101Kb / 4P
0.5 AMP SIP3 Single Output
R-78-0.5 RECOM-R-78-0.5 Datasheet
100Kb / 5P
0.5 AMP SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
1.0 AMP SIP3 Single Output
R-78HB-W RECOM-R-78HB-W Datasheet
470Kb / 4P
0.5 AMP SIP3 Wired Single Output
R-78W-0.5 RECOM-R-78W-0.5 Datasheet
824Kb / 3P
0.5 AMP SIP3 Single Output
R-78K-0.5 RECOM-R-78K-0.5 Datasheet
1Mb / 9P
0.5 Amp SIP3 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com