Electronic Components Datasheet Search
  English  ▼

X  

DAC8544IPFB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8544IPFB
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8544IPFB Datasheet(HTML) 1 Page - Texas Instruments

  DAC8544IPFB Datasheet HTML 1Page - Texas Instruments DAC8544IPFB Datasheet HTML 2Page - Texas Instruments DAC8544IPFB Datasheet HTML 3Page - Texas Instruments DAC8544IPFB Datasheet HTML 4Page - Texas Instruments DAC8544IPFB Datasheet HTML 5Page - Texas Instruments DAC8544IPFB Datasheet HTML 6Page - Texas Instruments DAC8544IPFB Datasheet HTML 7Page - Texas Instruments DAC8544IPFB Datasheet HTML 8Page - Texas Instruments DAC8544IPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Actual Size
7 mm x 7 mm
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
Interface
Logic
Power-On
Reset
Input
Register
Input
Register
DAC
Register
16 Bit
DAC
16 Bit
DAC
Buffer
Buffer
DAC
Register
Power-Down
Logic
D15
D0
CS
LDAC
RST
IOVDD
A0
VFBA
VFBB
VOUTA
VOUTB
VOUTC
VOUTD
VFBC
VFBD
IOGND VDD GND
VREFA+ VREFA−
VREFB+ VREFB−
DAC8544
PD
VREFC+ VREFC−
VREFD+
VREFD−
A1
R/W
DAC8544
SLAS420 – MAY 2004
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE,
DIGITAL-TO-ANALOG CONVERTER
•
Single Supply: +2.7 V to +5.5 V
The DAC8544 is a low-power, quad-channel, 16-bit,
•
Micropower Operation: 950 µA @ 5 V
voltage output DAC. Its on-chip precision output
amplifier allows rail-to-rail voltage
swing
to
be
•
Rail-To-Rail Voltage Output
achieved at the output. The DAC8544 is 16-bit
•
Ultralow Crosstalk: –110 dB
monotonic and offers exceptional absolute accuracy
•
Settling Time: 10 µs To
±0.003% FSR
with ultralow crosstalk. The DAC8544 uses a 16-bit
parallel interface and features additional power-down
•
16-Bit Monotonic
function pins as well as hardware-enabled, synchron-
•
Offset Error:
±0.3 mV
ous DAC updating and reset capability.
•
Gain Error:
±1 mV
The DAC8544 requires an external reference voltage
•
Total Error:
±3 mV
to set the output range of the DAC. The device
•
Per-Channel VREF+, VREF–, VFB Pins
incorporates a power-on-reset circuit that ensures
•
Logic Compatible: +1.8 V to +5.5 V
that the DAC outputs power up at zero volt and
•
Readback Capability
remains there until a valid write takes place. In
addition, the DAC8544 contains a power-down fea-
•
Double Buffered Inputs
ture, accessed via PD pin, that reduces the current
•
Simultaneous or Sequential Update
consumption of the device to 400 nA at 5 V. The
•
Schmitt-Triggered Digital Inputs
power consumption is typically under 5 mW at
•
Hardware Reset
VDD = 5 V.
•
48-Lead TQFP Package
The DAC8544 is available in a 48-lead TQFP pack-
age with an operating temperature range of –40
°C to
+105
°C.
•
Process Control
•
Data Acquisition Systems
•
Closed-Loop Servo Control
•
PC Peripherals
•
Optical Networking
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8544IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8544IPFB TI2-DAC8544IPFB Datasheet
729Kb / 25P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2005
DAC8544IPFB.B TI2-DAC8544IPFB.B Datasheet
729Kb / 25P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2005
DAC8544IPFBG4.B TI2-DAC8544IPFBG4.B Datasheet
729Kb / 25P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2005
DAC8544IPFBR TI2-DAC8544IPFBR Datasheet
729Kb / 25P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2005
DAC8544IPFBR.B TI2-DAC8544IPFBR.B Datasheet
729Kb / 25P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
REVISED JUNE 2005
More results

Similar Description - DAC8544IPFB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8541 TI-DAC8541 Datasheet
423Kb / 21P
16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
logo
National Semiconductor ...
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC8541 TI-DAC8541_15 Datasheet
1Mb / 26P
16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DAC084S085 TI1-DAC084S085_16 Datasheet
1Mb / 33P
DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8544 TI1-DAC8544_12 Datasheet
893Kb / 23P
QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE,DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com