Electronic Components Datasheet Search
  English  ▼

X  

CPC1788 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC1788
Description  Machine Insertable, Wave Solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1788 Datasheet(HTML) 5 Page - IXYS Corporation

  CPC1788 Datasheet HTML 1Page - IXYS Corporation CPC1788 Datasheet HTML 2Page - IXYS Corporation CPC1788 Datasheet HTML 3Page - IXYS Corporation CPC1788 Datasheet HTML 4Page - IXYS Corporation CPC1788 Datasheet HTML 5Page - IXYS Corporation CPC1788 Datasheet HTML 6Page - IXYS Corporation CPC1788 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
5
www.ixysic.com
R06
CPC1788
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
-40
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
Typical On-Resistance
vs. Temperature
(I
F=10mA, IL=250mADC)
Temperature (ºC)
-40
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
Typical On-Resistance
vs. Temperature
(I
F=10mA, IL=Max Rated)
Temperature (ºC)
0
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0.1
0.2
0.4
0.5
0.3
0.6
Typical Load Current
vs. Load Voltage
(I
F=10mA)
Load Voltage (V)
Temperature (ºC)
020
40
60
80
100
0
1
2
3
4
5
6
Maximum Load Current
vs. Temperature
(With Heat Sink)
1ºC/W
Free Air
10ºC/W
5ºC/W
-40
1160
1140
1120
1100
1080
1060
1040
1020
1000
-20
0
20
40
60
80
100
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 1&2
(V
L=1000VP)
Temperature (ºC)
Energy Rating Curve
Free Air, No Heat Sink
15.0
13.5
12.0
10.5
9.0
7.5
6.0
4.5
3.0
1.5
0
10µs 100µs 1ms 10ms 100ms
1s
10s
100s
Time



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com