Electronic Components Datasheet Search
  English  ▼

X  

CPC1943 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1943
Description  Machine Insertable, Wave Solderable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1943 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1943 Datasheet HTML 1Page - IXYS Corporation CPC1943 Datasheet HTML 2Page - IXYS Corporation CPC1943 Datasheet HTML 3Page - IXYS Corporation CPC1943 Datasheet HTML 4Page - IXYS Corporation CPC1943 Datasheet HTML 5Page - IXYS Corporation CPC1943 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1943
www.ixysic.com
3
R08
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
1.30
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(T
A=25ºC, IF=5mA)
On-State Voltage (V
rms)
0.91
0.94
0.96
0.99
1.02
1.04
0
5
10
15
20
25
Typical On-State Voltage Distribution
(T
A=25ºC, IL=500mArms)
Blocking Voltage (V
P)
565
570
575
580
585
590
595
0
5
10
15
20
Typical Blocking Voltage Distribution
(T
A=25ºC)
LED Current (mA)
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0
5
10
15
20
Typical I
F for Switch Operation
(T
A=25ºC, IL=500mArms)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.65
0.70
0.75
0.80
0.85
0.90
0.95
Typical I
F for Switch Operation
vs. Temperature
(I
L=250mArms)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
130
140
150
160
170
180
Typical Leakage Current
vs. Temperature
(V
L=400VP)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
500
550
600
650
700
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.80
0.85
0.90
0.95
1.00
1.05
1.10
Typical On-State Voltage
vs. Temperature
(I
L=250mArms)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs.Temperature
I
F=50mA
I
F=5mA
I
F=10mA
I
F=20mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
250
300
350
400
450
500
550
Load Current, Free Air
vs. Temperature
Typical dV/dt vs. Temperature
0
800
600
400
200
1200
1000
25
50
85
Temperature (ºC)
Vo
63%
10%
RC
Vo = 300V
dv
0.63 x 300V
189
dt
RC
RC
In accordance with
EIA/NARM Standards
RS-443 for Solid State Relays
dV/dt Method



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com