Electronic Components Datasheet Search
  English  ▼

X  

X0402NF0AA2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # X0402NF0AA2
Description  4A SCRS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0402NF0AA2 Datasheet(HTML) 2 Page - STMicroelectronics

  X0402NF0AA2 Datasheet HTML 1Page - STMicroelectronics X0402NF0AA2 Datasheet HTML 2Page - STMicroelectronics X0402NF0AA2 Datasheet HTML 3Page - STMicroelectronics X0402NF0AA2 Datasheet HTML 4Page - STMicroelectronics X0402NF0AA2 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
X04 Series
2/5
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
THERMAL RESISTANCES
PRODUCT SELECTOR
Symbol
Test Conditions
X04xx
Unit
02
05
IGT
VD =12 V
RL =140 Ω
MIN.
_
20
µA
MAX.
200
50
VGT
MAX.
0.8
V
VGD
VD =VDRM RL =3.3 kΩ RGK =1 kΩ
Tj = 125°C
MIN.
0.1
V
VRG
IRG =10 µA
MIN.
8V
IH
IT =50mA
RGK =1kΩ
MAX.
5
mA
IL
IG =1mA
RGK =1kΩ
MIN.
6
mA
dV/dt
VD =67% VDRM RGK =1kΩ
Tj = 110°C
MIN.
10
15
V/µs
VTM
ITM = 8 A
tp= 380µs
Tj = 25°C
MAX.
1.8
V
Vt0
Threshold voltage
Tj = 125°C
MAX.
0.95
V
Rd
Dynamic resistance
Tj = 125°C
MAX.
100
m
Ω
IDRM
IRRM
VDRM =VRRM
RGK =1 kΩ
Tj = 25°C
MAX.
5
µA
Tj = 125°C
1
mA
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to leads (DC)
15
°C/W
Rth(j-a)
Junction to ambient (DC)
100
Part Number
Voltage
Sensitivity
Package
600 V
800 V
X0402MF
X
200 µA
TO202-3
X0402NF
X
200 µA
TO202-3
X0405MF
X
50 µA
TO202-3
X0405NF
X
50 µA
TO202-3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com