Electronic Components Datasheet Search
  English  ▼

X  

PEVA2R5331M0506 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # PEVA2R5331M0506
Description  Conductive Polymer Aluminum Solid Capacitors (V Chip)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEVA2R5331M0506 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  PEVA2R5331M0506 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEVA2R5331M0506 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitors
(V Chip)
RoHS
MERITEK
PEVA Series
FEATURES
Standard SMD type
Rated voltage: 2.5VDC ~25VDC
Endurance: 2000hours at 105ºC
Suitable for DC-DC converters, Voltage regulators and decoupling applications.
SPECIFICATIONS
Item
Characteristic
Category Temperature Range
-55ºC ~ +105C
Rated Voltage Range
2.5VDC ~ 25VDC
Surge Voltage
Rated voltage x 1.15V
at +105C
Capacitance Tolerance
M=±20%
at 120Hz, 20ºC
Leakage Current
Shall not exceed values shown in standard ratings
at 20ºC after 2 minutes
Dissipation Factor ( tan
 )
0.12 (max)
at 120Hz, 20ºC
Temperature Stability
Impedance change
Z(-55ºC)/Z(+20ºC)≤1.25
at -55C, 100kHz
Z(+105ºC)/Z(+20ºC)≤1.25
at +105C, 100kHz
Endurance
Appearance:
no significant damage
Capacitance change:
≤ ±20% of the initial value
DF(tanδ):
≤ 150% of the initial specified value
ESR:
≤ 150% of the initial specified value
Leakage current:
≤ the initial specified value
The specifications shall be satisfied when
the capacitors are restored to 20ºC after
the rated voltage is applied for 2000hours
at 105ºC
Damp Heat, Steady State
Appearance:
no significant damage
Capacitance change:
≤ ±20% of the initial value
DF(tanδ):
≤ 150% of the initial specified value
ESR:
≤ 150% of the initial specified value
Leakage current:
≤ the initial specified value
The specifications shall be satisfied when
the capacitors are restored to 20ºC after
subjecting them to store at 60ºC, 90%~
95% R.H. for 1000hours, without DC
applied.
Surge Voltage
Appearance:
no significant damage
Capacitance change:
≤ ±20% of the initial value
DF
(tanδ):
≤ 150% of the initial specified value
ESR:
≤ 150% of the initial specified value
Leakage current:
≤ the initial specified value
The capacitors shall be subjected to
1,000 cycles each consisting of charge
with the surge voltages specified at
105ºC for 30 seconds through a
protective resistor (R=1kΩ) and
discharge for 5 minutes 30 seconds
NOTE:
If any doubt arises, measure the leakage current after following voltage treatment -
Voltage treatment: DC rated voltage is applied to the capacitors for 60 minutes at 105ºC
DIMENSIONS (mm)
Size code
0506
0604
0606
0807
0810
BD+0.5 (max)
5.0
6.3
6.3
8.0
8.0
TH±0.2
5.8
4.3
5.8
6.8
9.7
BW±0.2
5.3
6.6
6.6
8.3
8.3
BL±0.2
5.3
6.6
6.6
8.3
8.3
TL±0.2
6.0
7.3
7.3
9.0
9.0
EW
0.5~0.8
0.5~0.8
0.5~0.8
0.5~0.8
0.8~1.1
EG±0.2
1.4
2.1
2.1
2.9
2.9


Similar Part No. - PEVA2R5331M0506

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
PEV-1/4-A-SW27 FESTO-PEV-1/4-A-SW27 Datasheet
97Kb / 1P
Pressure switch
7/13/22
PEV-1/4-A-SW27-B-OD FESTO-PEV-1/4-A-SW27-B-OD Datasheet
91Kb / 1P
Pressure switch
7/13/22
PEV-1/4-A-WD FESTO-PEV-1/4-A-WD Datasheet
76Kb / 1P
Angled plug socket
PEV-1/4-B FESTO-PEV-1/4-B Datasheet
81Kb / 2P
Pressure switch
7/13/22
PEV-1/4-B-M12 FESTO-PEV-1/4-B-M12 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results

Similar Description - PEVA2R5331M0506

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
MERITEK ELECTRONICS COR...
PEEC MERITEK-PEEC Datasheet
942Kb / 5P
Conductive Polymer Aluminum Solid Capacitors (V Chip)
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
United Chemi-Con, Inc.
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
Conductive Polymer Aluminum Solid Capacitors ?
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com