Electronic Components Datasheet Search
  English  ▼

X  

UPS123607 Datasheet(PDF) 1 Page - CSB Battery Co., Ltd.

Part # UPS123607
Description  Cells per unit 6 Voltage per unit 12
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CSB-BATTERY [CSB Battery Co., Ltd.]
Direct Link  http://www.csb-battery.com
Logo CSB-BATTERY - CSB Battery Co., Ltd.

UPS123607 Datasheet(HTML) 1 Page - CSB Battery Co., Ltd.

  UPS123607 Datasheet HTML 1Page - CSB Battery Co., Ltd. UPS123607 Datasheet HTML 2Page - CSB Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Cells Per Unit
6
Voltage Per Unit
12
Capacity
Weight
Approx. 2.00 kg(4.41 lbs)
Maximum Discharge Current
100/130A(5sec)
Internal Resistance
Approx. 22mΩ
Operating Temperature Range
Nominal Operating Temperature Range
Float Charging Voltage
13.5 to 13.8 VDC/unit Average at
Recommended Maximum Charging
3.0A
Current Limit
Equalization and Cycle Service
14.4 to 15.0 VDC/unit Average at
Self Discharge
CSB Batteries can be stored for more than 6 months at
Please charge batteries before using. For
higher temperatures the time interval will be shorter.
Terminal
Container Material
Discharge:
Charge:
Storage:
F1/F2-Faston Tab 187/250
ABS(UL 94-HB) & Flammability resistance of
(UL 94-V0) can be available upon request.
Constant Power Discharge Characteristics Unit:W (25°C,77°F)
Constant Current Discharge Characteristics Unit:A (25°C,77°F)
UPS12360 7
Specification
Powered by
UPS 123607 is specially designed for high efficient discharge
application. Its characteristics are high energy density, small
footprint and high discharge efficiency. It can be used for more
than 260 cycles at 100% discharge in cycle service, up to 5 years
in standby service.
Width (W)
Dimensions :
Unit: mm (inch)
Overall Height (H)
Container height (h)
Length (L)
98.3±1.0 (3.87±0.04)
94.0±1.0 (3.7±0.04)
151.0±2.0 (5.94±0.08)
65.0±1.0 (2.56±0.04)
F.V/Time 2MIN
3MIN
4MIN
5MIN
6MIN
7MIN
8MIN
10MIN
15MIN
20MIN
30MIN
60MIN
90MIN
1.60V
62.8
49.5
41.5
35.5
30.8
27.3
24.5
20.5
14.9
11.9
8.71
5.04
3.61
1.67V
55.7
46.1
39.2
34.0
29.7
26.5
24.0
20.2
14.8
11.8
8.66
5.02
3.60
1.70V
52.2
44.5
38.1
32.9
29.0
25.9
23.5
19.9
14.6
11.7
8.63
4.98
3.57
1.75V
47.1
40.8
35.0
30.7
27.2
24.3
22.4
19.1
14.3
11.5
8.50
4.95
3.56
1.80V
42.0
36.4
31.5
27.9
24.8
22.5
20.7
17.9
13.6
11.1
8.30
4.86
3.51
1.85V
36.6
31.1
27.2
24.2
21.9
20.1
18.5
16.3
12.6
10.4
7.83
4.64
3.36
F.V/Time 2MIN
3MIN
4MIN
5MIN
6MIN
7MIN
8MIN
10MIN
15MIN
20MIN
30MIN
60MIN
90MIN
1.60V
550
468
405
360
322
291
268
228
170
137
100.0
58.6
43.0
1.67V
522
447
390
352
315
285
263
225
169
136
99.7
58.4
42.5
1.70V
499
435
383
344
309
281
258
222
167
134
98.4
58.2
42.2
1.75V
462
407
365
326
295
270
249
214
164
132
96.8
57.8
41.9
1.80V
428
376
339
301
274
252
232
203
156
128
95.2
56.3
41.4
1.85V
374
339
298
272
248
228
211
186
144
120
91.6
54.2
39.8
25°C (77°F)
25°C (77°F)
25°C (77°F).
-15°C~50°C ( 5°F~122°F)
-15°C~40°C ( 5°F~104°F)
-15°C~40°C ( 5°F~104°F)
25°C±3°C (77°F±5°F)
(http://www.csb-battery.com)
by TUV CERT according to ISO 9001,ISO 14001.
The system of manufacturer was certified
RA1604
Ratings presented herein are subject to revision without notice. Please refer to www.csb-battery.com to confirm the latest version.
TUV Asia Pacific Ltd.
Taiwan Branch
TUV Asia Pacific Ltd.
Taiwan Branch
CSB-manufactured VRLA
(
Absorbent Glass Mat type)
batteries are UL-recognized
components under UL1989.
CSB is also certified by
ISO 9001 and ISO 14001.
360W @ 5min-rate to 1.60V per PCS @25
(77 )
60W @ 5min-rate to 1.60V per CELL @25
(77 ) [*P]


Similar Part No. - UPS123607

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
UPS123607 CSB-BATTERY-UPS123607 Datasheet
500Kb / 2P
specially designed for high efficient discharge application
UPS123607 CSB-BATTERY-UPS123607_12 Datasheet
937Kb / 2P
Its characteristics are high energy density, small footprint and high discharge efficiency.
UPS123607 CSB-BATTERY-UPS123607_17 Datasheet
391Kb / 1P
Valve Regulated Lead Acid Battery
More results

Similar Description - UPS123607

ManufacturerPart #DatasheetDescription
logo
CSB Battery Co., Ltd.
GP1245 CSB-BATTERY-GP1245_16 Datasheet
729Kb / 2P
Cells Per Unit 6 Voltage Per Unit 12
GP12650 CSB-BATTERY-GP12650_16 Datasheet
782Kb / 2P
Cells Per Unit 6 Voltage Per Unit 12
GPL12260 CSB-BATTERY-GPL12260_16 Datasheet
742Kb / 2P
Cells Per Unit 6 Voltage Per Unit 12
GPL12750 CSB-BATTERY-GPL12750_16 Datasheet
694Kb / 2P
Cells Per Unit 6 Voltage Per Unit 12
HR1290W CSB-BATTERY-HR1290W_16 Datasheet
2Mb / 2P
Cells Per Unit 6 Voltage Per Unit 12
HRL12540W CSB-BATTERY-HRL12540W_16 Datasheet
2Mb / 2P
Cells per unit 6 Voltage per unit 12
TPL12800 CSB-BATTERY-TPL12800_16 Datasheet
660Kb / 2P
Cells per unit 6 Voltage per unit 12
TPL12900 CSB-BATTERY-TPL12900_16 Datasheet
670Kb / 2P
Cells per unit 6 Voltage per unit 12
UPS12460 CSB-BATTERY-UPS12460_16 Datasheet
2Mb / 2P
Cells per unit 6 Voltage per unit 12
XHRL12620W CSB-BATTERY-XHRL12620W_16 Datasheet
2Mb / 2P
Cells per unit 6 Voltage per unit 12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com